Electronic Components Datasheet Search
  English  ▼

X  

CTV07R Datasheet(PDF) 34 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 34 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 30Page - Amphenol Corporation CTV07R Datasheet HTML 31Page - Amphenol Corporation CTV07R Datasheet HTML 32Page - Amphenol Corporation CTV07R Datasheet HTML 33Page - Amphenol Corporation CTV07R Datasheet HTML 34Page - Amphenol Corporation CTV07R Datasheet HTML 35Page - Amphenol Corporation CTV07R Datasheet HTML 36Page - Amphenol Corporation CTV07R Datasheet HTML 37Page - Amphenol Corporation CTV07R Datasheet HTML 38Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
32
TABLE III
LANYARD LENGTH CODES
D38999/31 for MIL-STD-1760
TV Breakaway Fail Safe
for Stores Management applications
lanyard release plug – how to order
HOW TO ORDER - BY MILITARY PART NUMBER
FAIL SAFE D38999/31
Ordering procedure for example part number D38999/31WE20PN1 is
shown below:
D38999/
31
W
E
20
P
N
1
D38999/DOD Number
Prefix
Specification
Sheet Number
Service Class
Lanyard Length Code
Insert Arrangement
Contact Style
Polarizing Position
Type Number
DOD Number Prefix
D38999/ designates MIL-DTL-38999, Series III Tri-Start Connectors
Specification Sheet Number
31 designates Lanyard Release Plug for MIL-STD-1760
with pin contacts
Service Class
F designates electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB @ 10 GHz
specification min., 48 hour salt spray, 200°C
W designates corrosion resistant olive drab cadmium
plate aluminum, 500 hour extended salt spray,
EMI –50dB @ 10 GHz specification min., 175°C
Lanyard Length Code
See Table III for lanyard length code number.
Insert Arrangement
Only 11 or 20 are available contact arrangement numbers.
See page 31.
Contact Style
Only P and A are valid contact style options. P replaces the “no designa-
tion” option in the PIN on revision C and eariler revisions of the Mil-Spec.
A designates supplied less contacts.
Polarizing Positions
N is required for normal position.
Type Number
Type 1, 2 or 6. See drawings on page 31.
For accessories for lanyard release plugs see page 33.
Lanyard
Lanyard
Lanyard Length
Length (in.) Length (mm.)
Code For
± .236
± 6.0
Part Number
6.024
153.0
E
6.535
166.0
F
7.008
178.0
G
7.520
191.0
H
7.992
203.0
I
8.504
216.0
J
9.016
229.0
K
9.528
242.0
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com