Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS18B20 Datasheet HTML 14Page - Maxim Integrated Products DS18B20 Datasheet HTML 15Page - Maxim Integrated Products DS18B20 Datasheet HTML 16Page - Maxim Integrated Products DS18B20 Datasheet HTML 17Page - Maxim Integrated Products DS18B20 Datasheet HTML 18Page - Maxim Integrated Products DS18B20 Datasheet HTML 19Page - Maxim Integrated Products DS18B20 Datasheet HTML 20Page - Maxim Integrated Products DS18B20 Datasheet HTML 21Page - Maxim Integrated Products DS18B20 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DS18B20
20 of 22
AC ELECTRICAL CHARACTERISTICS—NV MEMORY
(-55°C to +100°C; VDD = 3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NV Write Cycle Time
tWR
2
10
ms
EEPROM Writes
NEEWR
-55°C to +55°C
50k
writes
EEPROM Data Retention
tEEDR
-55°C to +55°C
10
years
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Temperature Conversion
Time
tCONV
9-bit resolution
93.75
ms
1
10-bit resolution
187.5
11-bit resolution
375
12-bit resolution
750
Time to Strong Pullup On
tSPON
Start Convert T
Command Issued
10
µs
Time Slot
tSLOT
60
120
µs
1
Recovery Time
tREC
1
µs
1
Write 0 Low Time
tLOW0
60
120
µs
1
Write 1 Low Time
tLOW1
1
15
µs
1
Read Data Valid
tRDV
15
µs
1
Reset Time High
tRSTH
480
µs
1
Reset Time Low
tRSTL
480
µs
1,2
Presence-Detect High
tPDHIGH
15
60
µs
1
Presence-Detect Low
tPDLOW
60
240
µs
1
Capacitance
CIN/OUT
25
pF
NOTES:
1) See the timing diagrams in Figure 18.
2) Under parasite power, if tRSTL > 960µs, a power-on reset may occur.
Figure 17. Typical Performance Curve
DS18B20 Typical Error Curve
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
Temperature (°C)
Mean Error
+3s Error
-3s Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com