Electronic Components Datasheet Search
  English  ▼

X  

8A005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8A005
Description  Axial General Purpose Plastic Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8A005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8A005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8A005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8A005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shanghai Yi Tai Electron Co. Ltd
8A005 THRU 8A100
Axial General Purpose Plastic Rectifier
Web Site: http://www.yeesemi.com, Phone Number:021-51571010
RATINGS AND CHARACTERISTIC CURVES
20
1000
100
Mounting
Recommended P.C. Board
Surface Area
1" X 1" Copper
Group Plane
Inductive loads
60 Hz Resistive or
Mounting
Standard P.C. Board
60
120
140
2.0
1.8
1.6
TJ=25
° C F=1MHz
REVERSE VOLTAGE,(VOLTS)
10
0.1
4.0
1.0
10.0
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
100
1000
0.1
1
Pulse Width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
T =25
° C
j
1.4
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
0.01
20
0.1
1.0
100
60
40
80
T =25
° C
j
AMBIENT TEMPERATURE, (
° C)
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
10
25
P.C. Board
0
50
100
75
125
175
150
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.4-TYPICAL REVERSE
FORWARD SURGE CURRENT
(JEDEC Method) =T
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
10
0
1
100
200
300
2
5
8
CHARACTERISTICS
T =100
° C
j
10
20
50
jmax
j
T
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
2.0
3.0
4.0
5.0
7.0
6.0
8.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com