Electronic Components Datasheet Search
  English  ▼

X  

HC-05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HC-05
Description  Bluetooth to Serial Port Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HC-05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HC-05 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 2Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 3Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 4Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 5Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 6Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 7Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 8Page - List of Unclassifed Manufacturers HC-05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HC-05 Bluetooth module
iteadstudio.com
06.18.2010
2
Tech Support: info@iteadstudio.com
Software features
Default Baud rate: 38400, Data bits:8, Stop bit:1,Parity:No parity, Data control: has.
Supported baud rate: 9600,19200,38400,57600,115200,230400,460800.
Given a rising pulse in PIO0, device will be disconnected.
Status instruction port PIO1: low-disconnected, high-connected;
PIO10 and PIO11 can be connected to red and blue led separately. When master and slave
are paired, red and blue led blinks 1time/2s in interval, while disconnected only blue led
blinks 2times/s.
Auto-connect to the last device on power as default.
Permit pairing device to connect as default.
Auto-pairing PINCODE:”0000” as default
Auto-reconnect in 30 min when disconnected as a result of beyond the range of connection.
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com