Electronic Components Datasheet Search
  English  ▼

X  

PDS1045 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS1045
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1045 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS1045 Datasheet HTML 1Page - Diodes Incorporated PDS1045 Datasheet HTML 2Page - Diodes Incorporated PDS1045 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30539 Rev. 10 - 2
1 of 3
PDS1045
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDS1045
10A SCHOTTKY BARRIER RECTIFIER
PowerDI ä
5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
RMS Reverse Voltage
VR(RMS)
32
V
Average Rectified Output Current (see also Figure 4)
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
275
A
Operating Junction TemperatureRange
VR
£ 80% VRRM
VR £ 50% VRRM
Tj
-65 to +125
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Maximum Ratings
@ TA = 25
°C unless otherwise specified
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
0.8
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
85
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
65
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RqJA
50
¾°C/W
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
·
Guard Ring Die Construction for
Transient Protection
·
Very Low Forward Voltage Drop
·
High Forward Surge Current Capability
·
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: PowerDIä5
·
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.096 grams (approximate)
SPICE MODEL: PDS1045


Similar Part No. - PDS1045

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1045 DIODES-PDS1045 Datasheet
135Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
DS30539 Rev. 13 - 2
logo
Thinki Semiconductor Co...
PDS1045 THINKISEMI-PDS1045 Datasheet
293Kb / 2P
10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
PDS1045-13 DIODES-PDS1045-13 Datasheet
135Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
DS30539 Rev. 13 - 2
PDS1045 DIODES-PDS1045_10 Datasheet
135Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
DS30539 Rev. 13 - 2
PDS1045 DIODES-PDS1045_15 Datasheet
432Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 15
More results

Similar Description - PDS1045

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com