Electronic Components Datasheet Search
  English  ▼

X  

PDS5100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS5100
Description  5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS5100 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS5100 Datasheet HTML 1Page - Diodes Incorporated PDS5100 Datasheet HTML 2Page - Diodes Incorporated PDS5100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30483 Rev. 6 - 2
2 of 3
PDS5100
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
0.00001
0
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
100
200
300
400
500
600
700
800
900 1000 1100 1200
T = 150°C
j
T = 125°C
j
T = 100°C
j
T= 85°C
j
T= 25°C
j
T = -65°C
j
0
20
40
60
100
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T= -65
°C
j
T= +25
°C
j
0.01
0.1
1
10
0.001
0.0001
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig.3 Typical Reverse Characteristics
0.01
0.1
1.0
10
T = +85°C
j
T = +100°C
j
T = +125°C
j
T = +150°C
j
0
20
40
60
100
80
0
50
100
150
250
300
350
400
200
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance vs.
Reverse Voltage
f= 1MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
100
¾¾
V
IR = 200
mA
Forward Voltage
VF
¾
¾
¾
¾
¾
0.74
0.64
0.60
0.81
0.68
0.79
0.68
0.64
0.89
0.73
V
IF = 5A, TS =
25
°C
IF = 5A, TS = 100
°C
IF = 5A, TS = 125
°C
IF = 10A, TS = 25
°C
IF = 10A, TS = 125
°C
Reverse Leakage Current (Note 5)
IR
¾
¾
0.002
0.5
2
0.2
5
20
mA
TS = 25
°C, VR = 100V
TS = 100
°C, VR = 100V
TS = 125
°C, VR = 100V
Notes:
5. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com