Electronic Components Datasheet Search
  English  ▼

X  

W2000 Datasheet(PDF) 3 Page - SICK AG

Part # W2000
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

W2000 Datasheet(HTML) 3 Page - SICK AG

  W2000 Datasheet HTML 1Page - SICK AG W2000 Datasheet HTML 2Page - SICK AG W2000 Datasheet HTML 3Page - SICK AG W2000 Datasheet HTML 4Page - SICK AG W2000 Datasheet HTML 5Page - SICK AG W2000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WL2000-R5300 | W2000
COMPACT PHOTOELECTRIC SENSORS
Connection type
Mini connector, 5-pin
Protection class
II 5)
Weight
150 g
Polarisation filter
✔
Housing material
Plastic, Glassfibre reinforced plastic
Enclosure rating
IP67
Ambient operating temperature
–25 °C ... +40 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
242366 & cUL No. NRKH7.E147756
1) Limit values.
2) Without load.
3) Signal transit time with resistive load.
4) With light/dark ratio 1:1.
5) Reference voltage: 50 V DC.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
UNSPSC 16.0901
39121528
Connection diagram
Cd-171
NO
N
Relay common
not connected
L1
BN
BU
OG
BK
WH
1
2
3
4
5
2019-01-28 13:26:15 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com