Electronic Components Datasheet Search
  English  ▼

X  

SDM20U30LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM20U30LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM20U30LP Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM20U30LP Datasheet HTML 1Page - Diodes Incorporated SDM20U30LP Datasheet HTML 2Page - Diodes Incorporated SDM20U30LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30589 Rev. 7 - 2
1 of 3
SDM20U30LP
www.diodes.com
ã Diodes Incorporated
SDM20U30LP
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Low Capacitance
·
Ultra-Small Surface Mount Package
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: DFN1006-2
·
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Dot
·
Terminals: Finish
¾ NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking Code: LM, Dot Denotes Cathode Side
·
Ordering Information: See Last Page
·
Weight: 0.001 grams
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Maximum (Peak) Forward Current
IFM
200
mA
Peak Forward Surge Current
8.3ms Half Sine
IFSM
1.0
A
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 3)
V(BR)R
30
¾¾
V
IR = 150
mA
Forward Voltage Drop
VF
¾¾
350
575
mV
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 3)
IR
¾¾
150
30
mA
mA
VR = 30V
VR = 10V
Total Capacitance
CT
¾
20
¾
pF
VR = 0V, f = 1.0MHz
Note:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Short duration pulse test used so as to minimize self-heating effect.
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
250
mW
Thermal Resistance, Junction to Ambient Air
RqJA
400
°C/W
D
G
H
B
C
R
N
A
DFN1006-2
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
N
¾¾
0.40
R
0.05
0.15
0.10
All Dimensions in mm
SPICE MODEL: SDM20U30LP


Similar Part No. - SDM20U30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM20U30LP DIODES-SDM20U30LP Datasheet
254Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30589 Rev. 9 - 2
SDM20U30LP DIODES-SDM20U30LP Datasheet
388Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 12
SDM20U30LP-7 DIODES-SDM20U30LP-7 Datasheet
254Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30589 Rev. 9 - 2
SDM20U30LP-7 DIODES-SDM20U30LP-7 Datasheet
388Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 12
SDM20U30LPQ DIODES-SDM20U30LPQ Datasheet
399Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - SDM20U30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com