Electronic Components Datasheet Search
  English  ▼

X  

ACA1206 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ACA1206
Description  1 GHz CATV Line Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA1206 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ACA1206 Datasheet HTML 8Page - ANADIGICS, Inc ACA1206 Datasheet HTML 9Page - ANADIGICS, Inc ACA1206 Datasheet HTML 10Page - ANADIGICS, Inc ACA1206 Datasheet HTML 11Page - ANADIGICS, Inc ACA1206 Datasheet HTML 12Page - ANADIGICS, Inc ACA1206 Datasheet HTML 13Page - ANADIGICS, Inc ACA1206 Datasheet HTML 14Page - ANADIGICS, Inc ACA1206 Datasheet HTML 15Page - ANADIGICS, Inc ACA1206 Datasheet HTML 16Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
09/2005
13
ACA1206
Table 6: Evaluation Board Parts List
Notes:
1. T1, T2 (balun) wind 4 turns thru core as shown. (Figure 28).
2. “N” connector,center pin,should be approximately 80 mils in length.
3. Due to the high power dissapation of this devide the PC board should be mounted/ attached to a large heat
sink.
(4) See Table 5.
Figure 28: Balun Drawing
M
E
T
I
N
O
I
T
P
I
R
C
S
E
D
Y
T
Q
R
O
D
N
E
V
N
/
P
R
O
D
N
E
V
6
C
,
5
C
,
2
C
,
1
C.
P
A
C
P
I
H
C
.
F
u
1
0
.
04
A
T
A
R
U
MV
5
2
K
3
0
1
1
R
7
X
9
3
M
R
G
4
C
,
3
C.
P
A
C
P
I
H
C
.
F
p
0
7
42
A
T
A
R
U
MV
5
2
K
1
0
3
R
7
X
7
4
M
R
G
7
C.
P
A
C
.
T
C
E
L
E
F
u
7
41
.
P
R
O
C
Y
E
K
-I
G
I
D
D
N
-
5
7
2
5
P
9
CD
E
S
U
T
O
N
2
L
,
1
L.
D
N
I
P
I
H
C
H
n
0
7
42
A
T
A
R
U
M2
5
0
4
/
3
0
-
O
O
N
O
K
7
4
R
N
1
H
Q
L
N
U
L
A
B
-
2
T
,
1
T
E
R
O
C2
e
ti
R
-
r
i
a
F2
0
7
2
0
0
3
4
8
2
E
R
I
W.
d
n
I
e
r
i
W
S
W
M0
2
-
9
2
4
1
6
3
2
-
T
1
R
)
4
(
k
7
8
.
1
V
7
2
.
5k
V
1c
i
n
o
s
a
n
a
P
V
1
7
8
1
F
K
E
3
-
J
R
E
V
1
3
2
5
F
K
E
3
-
J
R
E
S
V
TT
T
A
W
0
0
6
.
T
L
O
V
2
1
S
V
T1
.
P
R
O
C
Y
E
K
-I
G
I
DD
N
-
T
C
C
C
A
2
1
J
B
M
S
R
O
T
C
E
N
N
O
C5
7
V
.
T
N
U
O
M
L
E
N
A
P
E
L
A
M
N2
K
C
A
N
R
E
T
S
A
P
.
P
R
E
T
N
E
4
0
5
4
E
P
D
R
A
O
B
T
I
U
C
R
I
C
D
E
T
N
I
R
P1
M
U
I
D
N
IS
L
I
M
0
6
1
x
0
0
31
.
P
R
O
C
M
U
I
D
N
I
A
C
I
R
E
M
A
F
O
Y
6
9
9
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com