Electronic Components Datasheet Search
  English  ▼

X  

ACA2401 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2401
Description  750/870 MHz CATV Power Doubler Line Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2401 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2401 Datasheet HTML 1Page - ANADIGICS, Inc ACA2401 Datasheet HTML 2Page - ANADIGICS, Inc ACA2401 Datasheet HTML 3Page - ANADIGICS, Inc ACA2401 Datasheet HTML 4Page - ANADIGICS, Inc ACA2401 Datasheet HTML 5Page - ANADIGICS, Inc ACA2401 Datasheet HTML 6Page - ANADIGICS, Inc ACA2401 Datasheet HTML 7Page - ANADIGICS, Inc ACA2401 Datasheet HTML 8Page - ANADIGICS, Inc ACA2401 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Data Sheet - Rev 2.0
08/2001
ACA2401
Figure 2: Pin Out
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G9
D
N
Gd
n
u
o
r
G
2A
2
N
I
t
u
p
n
I
A
2
r
e
if
il
p
m
A0
1B
1
T
U
O
t
u
p
t
u
O
B
1
r
e
if
il
p
m
A
3D
N
Gd
n
u
o
r
G1
1B
1
s
a
i
Br
e
if
il
p
m
A
B
1
r
o
f
s
a
i
B
4A
1
N
I
t
u
p
n
I
A
1
r
e
if
il
p
m
A2
1B
2
T
U
O
d
n
a
t
u
p
t
u
O
B
2
r
e
if
il
p
m
A
y
l
p
p
u
S
5B
1
N
I
t
u
p
n
I
B
1
r
e
if
il
p
m
A3
1A
2
T
U
O
d
n
a
t
u
p
t
u
O
A
2
r
e
if
il
p
m
A
y
l
p
p
u
S
6I
T
E
S
t
s
u
j
d
A
t
n
e
rr
u
C4
1A
1
s
a
i
Br
e
if
il
p
m
A
A
1
r
o
f
s
a
i
B
7B
2
N
I
t
u
p
n
I
B
2
r
e
if
il
p
m
A5
1A
1
T
U
O
t
u
p
t
u
O
A
1
r
e
if
il
p
m
A
8D
N
Gd
n
u
o
r
G6
1D
N
Gd
n
u
o
r
G
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
GND
I
SET
2A
IN
GND
2B
IN
1B
IN
1A
IN
GND
GND
1B
OUT
2B
OUT
2A
OUT
1A
OUT
Bias 1A
Bias 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com