Electronic Components Datasheet Search
  English  ▼

X  

ACA2402E Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2402E
Description  750/870 MHz CATV Push-Pull Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402E Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2402E Datasheet HTML 1Page - ANADIGICS, Inc ACA2402E Datasheet HTML 2Page - ANADIGICS, Inc ACA2402E Datasheet HTML 3Page - ANADIGICS, Inc ACA2402E Datasheet HTML 4Page - ANADIGICS, Inc ACA2402E Datasheet HTML 5Page - ANADIGICS, Inc ACA2402E Datasheet HTML 6Page - ANADIGICS, Inc ACA2402E Datasheet HTML 7Page - ANADIGICS, Inc ACA2402E Datasheet HTML 8Page - ANADIGICS, Inc ACA2402E Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Data Sheet - Rev 2.0
10/2005
ACA2402E
Figure 2: Pin Out
Table 1: Pin Description
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
GND
ISET
2A IN
GND
2B IN
1BIN
1A IN
GND
GND
1BOUT
2B OUT
2A OUT
1A OUT
Bias 1A
Bias 1B
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G9
D
N
Gd
n
u
o
r
G
2A
2 NI
t
u
p
n
I
A
2
r
e
if
il
p
m
A0
1B
1
T
U
O
t
u
p
t
u
O
B
1
r
e
if
il
p
m
A
3D
N
Gd
n
u
o
r
G1
1B
1
s
a
i
Br
e
if
il
p
m
A
B
1
r
o
f
s
a
i
B
4A
1 NI
t
u
p
n
I
A
1
r
e
if
il
p
m
A2
1B
2
T
U
O
d
n
a
t
u
p
t
u
O
B
2
r
e
if
il
p
m
A
y
l
p
p
u
S
5B
1 NI
t
u
p
n
I
B
1
r
e
if
il
p
m
A3
1A
2
T
U
O
d
n
a
t
u
p
t
u
O
A
2
r
e
if
il
p
m
A
y
l
p
p
u
S
6I T
E
S
t
s
u
j
d
A
t
n
e
r
r
u
C4
1A
1
s
a
i
Br
e
if
il
p
m
A
A
1
r
o
f
s
a
i
B
7B
2 NI
t
u
p
n
I
B
2
r
e
if
il
p
m
A5
1A
1
T
U
O
t
u
p
t
u
O
A
1
r
e
if
il
p
m
A
8D
N
Gd
n
u
o
r
G6
1D
N
Gd
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com