Electronic Components Datasheet Search
  English  ▼

X  

ACA2408 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ACA2408
Description  870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2408 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ACA2408 Datasheet HTML 4Page - ANADIGICS, Inc ACA2408 Datasheet HTML 5Page - ANADIGICS, Inc ACA2408 Datasheet HTML 6Page - ANADIGICS, Inc ACA2408 Datasheet HTML 7Page - ANADIGICS, Inc ACA2408 Datasheet HTML 8Page - ANADIGICS, Inc ACA2408 Datasheet HTML 9Page - ANADIGICS, Inc ACA2408 Datasheet HTML 10Page - ANADIGICS, Inc ACA2408 Datasheet HTML 11Page - ANADIGICS, Inc ACA2408 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ACA2408
PRELIMINARY DATA SHEET - Rev 1.0
07/2003
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
Figure 12: XMOD vs. Frequency
(132 channels, +44 dBmV output power, flat output)
Figure 11: CSO vs. Frequency
(132 channels, +44 dBmV output power, flat output)
Figure 10: CTB vs. Frequency
(132 channels, +44 dBmV output power, flat output)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com