Electronic Components Datasheet Search
  English  ▼

X  

PI3CH360 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3CH360
Description  Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH360 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3CH360 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3CH360 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8727A
07/07/04
PI3CH360
Low Voltage, High-Bandwidth, 3-Channel, 2:1
Mux/DeMux, NanoSwitch™
Applications Information
Logic Inputs
The logic control inputs can be driven upto 3.6Vregardless of the supply voltage. For example, given a +3.3V supply, EN maybe
driven LOW to 0V and HIGH to 3.6V. Driving EN Rail-to-Rail® minimizes power consumption.
Power Supply-Sequencing
Proper power supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the input/
output or control pins.
Hot Insertion
For Datacom and Telecom applications that have ten or more volts passing through the backplane, a high voltage from the power
supply may be seen at the device input pins during hot insertion. The PI3CHxx devices have maximum limits of 6V and 120mA for
20ns. If the power is higher or applied for a longer time or repeatedly reaches the maximum limits, the devices can be damaged.
Packaging Mechanical: 16-pin QSOP (Q)
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com