Electronic Components Datasheet Search
  English  ▼

X  

PPC-3151W Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3151W
Description  15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3151W Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3151W Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3151W Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3151W
ƒ
15.6" true-flat Full HD LCD panel with projected capacitive touchscreen,
anti-glare coating
ƒ
Intel® Core™ i5-7300U(default); i7-7600U/i3-7100U(optional) processor
with fanless system design
ƒ
Supports PCIe x4 or PCI expansion
ƒ
1 x isolated RS-422/485 with auto flow
ƒ
Wide input power range (9 ~ 32 VDC)
ƒ
Dual Gigabit Ethernet with IEEE1588 support
ƒ
3 x Independent displays
ƒ
1 x M.2 bay (2242) for storage only
ƒ
1 x TPM 2.0 internal support (optional)
ƒ
Supports VESA 100 mounting interface
15.6" Fanless Widescreen Panel PC
with Intel® Core™ i5-7300U Processor
Introduction
PPC-3151W is a new generation industrial interactive panel PC with a 15.6" TFT full HD LCD 1920 x 1080 resolution, which features a flat, sleek design to greatly reduce maintenance
effort. Pre-installed Intel® Core™ i processor and designed fanless architecture, PPC-3151W provide high performance and reliable system for factory automation or variety of industrial
applications. Furthermore, with the provision of multiple I/O, dual Intel® Gigabit ethernet, PCI/PCIe expansion, PPC-3151W ensures easy integration and connectivity.
Specifications
System
CPU
Intel® Core™ i5-7300U dual core (default); i7-7600U/i3-7100U (optional)
Frequency
2.6 GHz, up to 3.5 GHz with turbo
L2 Cache
3 MB
Memory
1 x SODIMM DDR4 1866/2133 MHz, (max. 16 GB)
Storage
1 x 2.5" SATA bay
1 x M.2 bay (size: 22 x 42 mm, socket 2 B key, for storage only)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I219LM; Intel I211-AT/ I210AT)
I/O
2 x RS-232, 1 x RS-422/485 with 1K VDC isolation
Either 2 x RS-232 or 1 x RS-232 + 1 x GPIO(TTL, 8 pin programmable) on right side (optional module)
4 x USB 3.0
1 x Line-out, 1 x Mic-in
1 x DB15 VGA
1 x Display Port (1.2)
1 x TPM 2.0 internal(optional)
Expansion
1 x Mini PCIe
1 x PCIe x 4 (default); 1 x PCI (in the accessory box)
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical Characteristics
Dimensions
419.7 x 269 x 59 mm (16.5 x 10.6 x 2.3 in)
Weight
5.4kg (11.9 lb)
OS Support
OS Support
Microsoft® Windows 10 (64-bit), Win 10 LTSC, Linux
Power Consumption
Input Voltage
9 ~ 32 VDC
Power Consumption
i5-7300U 65W( Burn-in test 8.1 in Windows 10 64bit
LCD
Display Type
15.6" TFT LCD (LED backlight)
Max. Resolution
1920 x 1080
Viewing Angle
85 (Left), 85 (Right), 85(Up), 85(Down)
Luminance (cd/m2)
450
Contrast Ratio
800
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
Multi-touch projected capacitive
Light Transmission
88 % ± 2 %
Controller
USB interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with SSD; 0 ~ 40 °C (32 ~ 104 ° F) with HDD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (Non-Condensing)
Shock
Operating 10 G Peak Acceleration (11 ms Duration), Follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD; 2Grms @with SSD, Follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CB, UL, CCC, BSMI
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 28-Jul-2022


Similar Part No. - PPC-3151W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3151 ADVANTECH-PPC-3151 Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
PPC-3151-650AE ADVANTECH-PPC-3151-650AE Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151SW-MART ADVANTECH-PPC-3151SW-MART Datasheet
570Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3151SW-P63A ADVANTECH-PPC-3151SW-P63A Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
More results

Similar Description - PPC-3151W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-4151W-P5AE ADVANTECH-PPC-4151W-P5AE Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
PPC-3150SW ADVANTECH-PPC-3150SW Datasheet
365Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel짰 Pentium짰 N4200 Quad-Core Processor
22-May-2019
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com