Electronic Components Datasheet Search
  English  ▼

X  

PPC-3170 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3170
Description  17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3170 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3170 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3170 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3170
ƒ
17” SXGA TFT LCD with resistive touchscreen
ƒ
Intel® Atom™ E3845 quad-core, 1.91 GHz, processor
ƒ
Fanless, slim design
ƒ
Supports 1 x internal 2.5" SATA HDD and 1 x mSATA
ƒ
1 x PCI/PCIe x1 expansion slot
ƒ
Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ
Wide range DC support (9 ~ 32 VDC)
ƒ
1 x isolated RS-422/485 with automatic flow control and dual Intel GbE
ƒ
Optional GPIO (8 channels, TTL level)
17" Fanless Panel PC with
Intel® Atom™ Quad-Core Processor
Introduction
The PPC-3170 is a 17" fanless panel PC equipped with a high-performance Intel® Atom™ E3845 quad-core, 1.91 GHz, processor that supports both a wide operating temperature
range (-20 ~ 60 °C) and wide power input range (9 ~ 32 VDC). The provision of multiple I/O, including 4 x COM, 1 x USB 3.0, 1 x isolated RS-422/485, and dual Intel® Gigabit
Ethernet, ensures easy integration and connectivity. With the inclusion of 1 x PCI/PCIe expansion slot, the PPC-3170 can be integrated with fieldbus protocols or proprietary cards
for increased application potential.
Specifications
System
CPU
Intel® Atom™ E3845 quad core
Frequency
1.91 GHz
L3 Cache
2 MB
Memory
1 x SODIMM DDR3L 1333 MHz (max. 8 GB)
Storage
1 x 2.5" SATA bay
1 x mSATA bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I210)
I/O
1 x isolated RS-422/485 (terminal block)
4 x RS-232, two external and two by internal pin header (need optional module)
1 x GPIO (8 channels, TTL level) by internal pin header (need optional module)
1 x USB 3.0, 3 x USB 2.0
1 x VGA
1 x DP1.1a
1 x Line-out, 1 x Mic-in
Expansion
1 x Mini PCIe
1 x PCI (default);1 x PCIe x1 (in the accessory box)
Optional: 1 x Cfast; 1 x CF card; 1 x Internal USB dongle; 2 x RS-232 or 1 x RS-232 + 1 x GPIO
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical Characteristics
Dimensions
437 x 357 x 56.5 mm (17.2 x 14.0 x 2.22 in)
Weight
6.3 kg (13.89 lb)
OS Support
OS Support
Microsoft® Windows 7(32/64-bit)/10(64-bit), WES7P, WEC7, Win10 LTSC, Linux, Android 6.0
Power Consumption
Input Voltage
9 ~ 32 VDC
Power Consumption
34W (Burn-in test 7.0 in Windows 7 32 bit)
LCD
Display Type
17" TFT LED panel
Max. Resolution
1280 x 1024
Viewing Angle
80 (left), 80 (right),60 (up), 80 (down)
Luminance (cd/m2)
350
Contrast Ratio
800
Backlight Lifetime
50, 000 hr (min.)
Touchscreen
Touch Type
5-wire analog resistive
Light Transmission
81+/-3%
Controller
USB interface
Durability (Touches)
36 million
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with 2.5" SATA SSD
-20 ~ 60 °C (-4 ~ 140 °F) with -40 ~ 85 °C mSATA or 2.5" SATA SSD
Storage Temperature
-40 ~ 60 °C (-40 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class A
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - PPC-3170

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
More results

Similar Description - PPC-3170

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3190-RE4AE ADVANTECH-PPC-3190-RE4AE Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com