Electronic Components Datasheet Search
  English  ▼

X  

AMT8210 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8210
Description  1.25 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8210 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8210 Datasheet HTML 1Page - ANADIGICS, Inc AMT8210 Datasheet HTML 2Page - ANADIGICS, Inc AMT8210 Datasheet HTML 3Page - ANADIGICS, Inc AMT8210 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AMT8210
1.25 Gb/s 1310/1550nm PIN-TIA
FEATURES
•
1.25 Gb/s differential output TIA
•
DC to 1000 MHz bandwidth
•
+3.3V Operation
•
-27dBm Typical sensitivity
•
1250-1620nm PIN Photodetector
•
Automatic Gain Control (AGC)
•
0dBm Optical Overload
APPLICATIONS
•
Gigabit Ethernet (1.25 Gb/s)
•
Fiber Channel (1.0625 Gb/s)
•
FTTx systems
TO-46 4 pin Ball
Lens Package
TO-46 5 pin Ball
Lens Package
Product Description
The ANADIGICS AMT8210, packaged in a TO46
lens can, is a 3.3V integrated photodetector and
transimpedance amplifier (TIA) used to convert a
long wavelength (1250 to 1620nm) optical input
signal into a differential output voltage. The
AMT8210 has a bandwidth of 900MHz and a
dynamic range of over 27dB. These devices are
readily designed into receivers, transceivers and
transponders for Gigabit Ethernet and Fiber
Channel applications.
AGC
OUT
OUTQ
GND
VCC
VPD
(For the 4 pin header VPD and VCC are connected to the same pin)
Figure 1: Functional Block Diagram


Similar Part No. - AMT8210

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 1
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 1
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
More results

Similar Description - AMT8210

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
2.5 Gb/s 1310/1550nm PIN-TIA
Rev 0.1
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
1.25 Gb/s Integrated 850nm MSM-TIA
07/01
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
3.3V / 1.25 Gbps InGaAs PIN-TIA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com