Electronic Components Datasheet Search
  English  ▼

X  

AMT8304 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8304
Description  2.125 Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8304 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8304 Datasheet HTML 1Page - ANADIGICS, Inc AMT8304 Datasheet HTML 2Page - ANADIGICS, Inc AMT8304 Datasheet HTML 3Page - ANADIGICS, Inc AMT8304 Datasheet HTML 4Page - ANADIGICS, Inc AMT8304 Datasheet HTML 5Page - ANADIGICS, Inc AMT8304 Datasheet HTML 6Page - ANADIGICS, Inc AMT8304 Datasheet HTML 7Page - ANADIGICS, Inc AMT8304 Datasheet HTML 8Page - ANADIGICS, Inc AMT8304 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12/2003
FEATURES
•
Differential Output TIA
•
3.3V Operation
•
Automatic Gain Control
•
Integrated 850nm MSM Detector & TIA
•
TO-46 Ultra Flat-Window or Lens Hermetic
Package
•
High Reliability
APPLICATIONS
•
2x Fibre Channel (2.125 Gb/s)
AMT8304
2.125 Gb/s Integrated 850nm MSM-TIA
DATA SHEET - Rev 2.0
T46F
TO-46 Ultra
Flat Window
Package
PRODUCT DESCRIPTION
The ANADIGICS AMT8304 is a 3.3V monolithically
integrated Metal-Semiconductor-Metal (MSM)
photodetector and transimpedance amplifier (TIA)
used to convert an 850nm input optical signal into a
differential output voltage, and is manufactured in
ANADIGICS’ 6” GaAs wafer fabrication facility.
The integrated MSM and TIA receiver maximizes
the receiver performance by minimizing the
photodetector input parasitics to the TIA and
internally biasing the photodetector to achieve high
sensitivity, bandwidth and overload performance. As
an integrated product the reliability is inherently
better than a discrete solution, and both the MSM-TIA
integrated circuit and TO-46 flat window and TO-46
lens packaged receiver pass stringent reliability
requirements. These products are readily designed
into receivers and transceivers for 2x Fibre Channel
applications.
Figure 1: Equivalent Circuit
US Patents: 5047728, 5646573
OUT
V
P
IN
1
3
OUT
Charge
Pump
4.5 GHz
Osc
AGC
2
DD
4
T4TL
TO-46 Lens
Package with
Tabbed Header
T46L
TO-46
Lens
Package


Similar Part No. - AMT8304

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8302T56F ANADIGICS-AMT8302T56F Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
More results

Similar Description - AMT8304

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 1
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
1.25 Gb/s Integrated 850nm MSM-TIA
07/01
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com