Electronic Components Datasheet Search
  English  ▼

X  

AMT8310 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AMT8310
Description  2.5 Gb/s 850 nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8310 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8310 Datasheet HTML 1Page - ANADIGICS, Inc AMT8310 Datasheet HTML 2Page - ANADIGICS, Inc AMT8310 Datasheet HTML 3Page - ANADIGICS, Inc AMT8310 Datasheet HTML 4Page - ANADIGICS, Inc AMT8310 Datasheet HTML 5Page - ANADIGICS, Inc AMT8310 Datasheet HTML 6Page - ANADIGICS, Inc AMT8310 Datasheet HTML 7Page - ANADIGICS, Inc AMT8310 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
09/2003
3
AMT8310
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
(
h
t
g
n
e
l
e
v
a
W
λ)0
5
8-
m
n
r
e
t
e
m
a
i
D
r
o
t
c
e
t
e
D-
0
0
1-
µm
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
)
z
H
M
0
0
1
@
(
y
ti
v
i
s
n
o
p
s
e
R
)
1
(
0
0
0
0
10
0
0
5
1-
W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
5
10
0
8
1-
z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L-
0
3-
z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O-
0
5-
Ω
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
0-
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
2
(
1
2
-3
2
--
m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
m
u
m
i
x
a
M-
0
5
50
0
7V
m
T
E
S
I
R
T
d
n
a
L
L
A
F
)
%
0
8
-
0
2
(
)
3
(
-0
4
1-
s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
4
(
-5
-
%
r
e
tt
i
J
l
a
t
o
T
)
5
(
,
)
4
(
0
6s
p
t
n
e
r
r
u
C
y
l
p
p
u
S-
0
40
6A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O0
.
3
+3
.
3
+6
.
3
+s
tl
o
V
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
g
n
it
a
r
e
p
O0
3
--
5
0
1
+C
°
Table 3: Electrical Specifications
Notes:
(1)
Measured at -20 dBm optical input power with output connected into R
L = 100Ω (differential)
(2)
Measured at 10-10 BER with a 223-1 PRBS at 2.5 Gb/s
(3)
Measured with a 223-1 PRBS at 2.5 Gb/s, an input optical power of –20 dBm
and R
L = 100Ω (differential)
(4)
Measured with a 223-1 PRBS at 2.5 Gb/s, an input optical power of –3 dBm and R
L = 100Ω (differential)
(5)
6
σ about the center eye crossing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com