Electronic Components Datasheet Search
  English  ▼

X  

AMT8410 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AMT8410
Description  2.5 Gb/s 1310/1550nm PIN-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8410 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8410 Datasheet HTML 1Page - ANADIGICS, Inc AMT8410 Datasheet HTML 2Page - ANADIGICS, Inc AMT8410 Datasheet HTML 3Page - ANADIGICS, Inc AMT8410 Datasheet HTML 4Page - ANADIGICS, Inc AMT8410 Datasheet HTML 5Page - ANADIGICS, Inc AMT8410 Datasheet HTML 6Page - ANADIGICS, Inc AMT8410 Datasheet HTML 7Page - ANADIGICS, Inc AMT8410 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 1.1
09/2002
AMT8410
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Maximum Ratings
Stresses in excess of the absolute ratings may
cause permanent damage. Functional operation
is not implied under these conditions. Exposure
to absolute ratings for extended periods of time
may adversely affect reliability.
V C
C
V
0
.
6
P NI
m
B
d
4
+
TS
C
°
5
2
1
o
t
C
°
5
6
-
.
p
m
e
T
e
g
a
r
o
t
S
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
(
h
t
g
n
e
l
e
v
a
W
λ)0
7
2
10
0
3
10
6
5
1m
n
a
e
r
A
e
v
it
c
A
r
o
t
c
e
t
e
D
-5
5-
µm
y
ti
v
i
s
n
o
p
s
e
R
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
)
z
H
M
0
0
1
@
(
)
1
(
0
0
7
10
0
0
2-
W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
7
10
0
0
2-
z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L-
0
0
1-
z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O-
0
5-
Ω
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
02
+-
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
2
(
1
2
-3
2
--
m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
m
u
m
i
x
a
M-
-
0
0
3V
m
T E
S
I
R
T
&
L
L
A
F
)
%
0
8
-
0
2
(
)
3
(
-0
6
1-
s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
4
(
-6
-
%
r
e
tt
i
J
l
a
t
o
T
)
5
(
,
)
4
(
-5
4-
s
p
t
n
e
r
r
u
C
y
l
p
p
u
S-
5
50
0
1A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O0
.
3
+3
.
3
+6
.
3
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
--
5
8
+C
°
Table 3: Electrical Specifications
Notes:
(1) Measured at -17 dBm optical input power with output connected into RL = 100
Ω
(differential).
(2) Measured at 10-10 BER with a 223-1 PRBS at 2.5 Gb/s.
(3) Measured with a 223-1 PRBS at 2.5Gb/s, an input optical power of -17dBm and
RL = 100
Ω (differential).
(4) Measured with a 223-1 PRBS at 2.5Gb/s, an input optical power of -3dBm and
RL = 100
Ω (differential).
(5) 6
σ about the center eye crossing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com