Electronic Components Datasheet Search
  English  ▼

X  

PT8L Datasheet(PDF) 1 Page - NEC

Part # PT8L
Description  NPN EPITAXIAL TYPE SILICON PHOTO TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PT8L Datasheet(HTML) 1 Page - NEC

  PT8L Datasheet HTML 1Page - NEC PT8L Datasheet HTML 2Page - NEC PT8L Datasheet HTML 3Page - NEC PT8L Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - PT8L

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT8L100SP PFC-PT8L100SP Datasheet
726Kb / 5P
8A 100V HPTR Schottky Rectifier
PT8L120SP PFC-PT8L120SP Datasheet
726Kb / 5P
8A 120V HPTR Schottky Rectifier
More results

Similar Description - PT8L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
08-Sep-1997
TPS625 TOSHIBA-TPS625 Datasheet
178Kb / 4P
TOSHIBA PHOTO DARLINGTON TRANSISTOR SILICON NPN EPITAXIAL PLANAR
08-Sep-1997
TPS614 TOSHIBA-TPS614 Datasheet
205Kb / 4P
PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS616 TOSHIBA-TPS616 Datasheet
205Kb / 5P
PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS603A TOSHIBA-TPS603A Datasheet
194Kb / 4P
PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
01-Jul-2004
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com