Electronic Components Datasheet Search
  English  ▼

X  

AMT8412 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8412
Description  2.5 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8412 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8412 Datasheet HTML 1Page - ANADIGICS, Inc AMT8412 Datasheet HTML 2Page - ANADIGICS, Inc AMT8412 Datasheet HTML 3Page - ANADIGICS, Inc AMT8412 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AMT8412
2.5 Gb/s 1310/1550nm PIN-TIA
FEATURES
•
2.5 Gb/s differential output TIA
•
DC-1.9 GHz bandwidth
•
+3.3V Operation
•
-23dBm Typical sensitivity
•
1250-1620nm PIN Photodetector
•
Automatic Gain Control (AGC)
•
2dBm Optical Overload
APPLICATIONS
•
SONET OC-48 / SDH STM-16
TO-46 4 pin Ball
Lens Package
TO-46 5 pin Ball
Lens Package
Product Description
The ANADIGICS AMT8412, packaged in a 4 or 5
pin TO-46 lens can, is a 3.3V integrated
photodetector
and
transimpedance
amplifier
(TIA) used to convert a long wavelength (1250 to
1620nm) optical input signal into a differential
output voltage. The AMT8412 has a typical
bandwidth of 1.9GHz and a dynamic range of
over 25dB. The 5 pin package allows separate
biasing and current monitoring of the photodiode.
These
devices
are
readily
designed
into
receivers, transceivers and transponders for
SONET OC-48 and SDH STM-16 applications.
AGC
OUT
OUTQ
GND
VCC
VPD
(For the 4 pin header VPD and VCC are connected to the same pin)
Figure 1: Functional Block Diagram


Similar Part No. - AMT8412

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8410T46L ANADIGICS-AMT8410T46L Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
More results

Similar Description - AMT8412

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
PIN Receiver Module for 2.5 Gb/s
logo
ANADIGICS, Inc
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
1.25 Gb/s 1310/1550nm PIN-TIA
Rev 1.1
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
2.5 Gb/s 850 nm PIN-TIA
09/2003
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
2.5 Gb/s 1310/1550nm PIN-TIA
09/2002
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
10 Gb/s 1310/1550nm PIN-TIA
01/2006
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
2.5 Gbps PIN-TIA module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com