Electronic Components Datasheet Search
  English  ▼

X  

AMT8504 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8504
Description  1.25 Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8504 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8504 Datasheet HTML 1Page - ANADIGICS, Inc AMT8504 Datasheet HTML 2Page - ANADIGICS, Inc AMT8504 Datasheet HTML 3Page - ANADIGICS, Inc AMT8504 Datasheet HTML 4Page - ANADIGICS, Inc AMT8504 Datasheet HTML 5Page - ANADIGICS, Inc AMT8504 Datasheet HTML 6Page - ANADIGICS, Inc AMT8504 Datasheet HTML 7Page - ANADIGICS, Inc AMT8504 Datasheet HTML 8Page - ANADIGICS, Inc AMT8504 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AMT8504
PRELIMINARY DATA SHEET - Rev 1
07-01
Table 1: Package Pin Description
Figure 2: Pin Outline (Bottom View)
N
I
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
1V
T
U
O
)
d
e
tr
e
v
n
i-
n
o
N
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
2V
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
P
-s
tl
o
V
3
.
3
+
3V
T
U
O
)
d
e
tr
e
v
n
I(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com