Electronic Components Datasheet Search
  English  ▼

X  

AMT8650 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AMT8650
Description  10 Gb/s 1310/1550nm PIN-TIA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8650 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8650 Datasheet HTML 1Page - ANADIGICS, Inc AMT8650 Datasheet HTML 2Page - ANADIGICS, Inc AMT8650 Datasheet HTML 3Page - ANADIGICS, Inc AMT8650 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMT8650
ADVANCED PRODUCT INFORMATION – Rev 0.0
3
01/2006
PERFORMANCE
-6
-4
-2
0
2
4
6
8
10
12
01
23
45
67
89
10
11
12
GHz
Figure 3: Frequency response of AMT8650-T46L-EVA (-20dBm optical input)
Figure 4: Optical input power: –5dBm,
extinction ratio: 12dB. (100mV/Div, 20ps/Div)
Figure 5: Optical input power: –10dBm,
extinction ratio: 12dB. (100mV/Div, 20ps/Div)
Figure 6: Optical input power: –15dBm,
extinction ratio: 12dB. (50mV/Div, 20ps/Div)
Figure 7: Optical input power: –20dBm,
extinction ratio: 12dB. (20mV/Div, 20ps/Div)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com