Electronic Components Datasheet Search
  English  ▼

X  

RCMM05 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMM05
Description  Molded Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMM05 Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMM05 Datasheet HTML 1Page - Vishay Siliconix RCMM05 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 52006
Revision 16-Jul-02
www.vishay.com
24
RCMM
Vishay Sfernice
For technical questions, contact sfer@vishay.com
Undergoes European Quality Insurance System (CECC)
FEATURES
• 0.25W to 1W at 70°C
• NF C 83-230 (RC21U-31U-41U-32)
• CECC 40 100
• High insulation >10
7M
Ω
• Excellent reliability
• Great mechanical strength
Molded Metal Film Resistors
DIMENSIONS in millimeters
DIMEN-
SIONS
A
6.5 ± 0.2
10.2 ± 0.2 3.65 ± 0.1
6.2 ± 0.2
16 ± 0.5
RCMM02
RCMM05
RCMM1
2.5
– 0,2
2,5 – 0.2
0.6
0.6
0.8
0.26
0.46
1.30
Ø B
Ø C
UNIT WEIGHT
IN G.
SERIES
25 min.
25 min.
A
Ø C
Ø B
VISHAY SFERNICE SERIES
NF C / CECC 83-230
CECC 40 100-802
MIL-R-22684 (Conformity)
Power Rating at 70°C
± 5%
± 2%
Resistance Value Range
in Relation to Tolerance
Maximum Voltage
Critical Resistance
Temperature
Coefficient
Insulation Resistance (Typical)
Voltage Coefficient
Environmental Specifications
Rated
in the range – 55°C + 155°C
Typical
in the range – 10°C + 70°C
0.25W
1
Ω to 330kΩ
E24
1
Ω to 332kΩ
E48
– 65°C/+155°C/56 days
≤ ± 10ppm/Volt
≥ 107MΩ (500 VDC)
≤ ± 50ppm/°C
K2
≤ ±100ppm/°C
0.50W
1
Ω to 330kΩ
E24
1
Ω to 332kΩ
E48
0.50W
1W
RLR07
–
RLR20
RLR32
BV
–
CV
–
RC21U
RC32
RC31U
RC41U
1
Ω to 1MΩ
E24
1
Ω to 1MΩ
E48
1
Ω to 2.2MΩ
E24
1
Ω to 2.26MΩ
E48
300V
350V
350V
500V
–
245k
Ω
245k
Ω
250k
Ω
RCMM02
RCMM05
RCMM1
TECHNICAL SPECIFICATIONS


Similar Part No. - RCMM05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM05 VISHAY-RCMM05 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMM051301GKA20 VISHAY-RCMM051301GKA20 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMM051301GKA22 VISHAY-RCMM051301GKA22 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMM051301GKS09 VISHAY-RCMM051301GKS09 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMM051301GKS14 VISHAY-RCMM051301GKS14 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
More results

Similar Description - RCMM05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
SRN Series Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com