Electronic Components Datasheet Search
  English  ▼

X  

RCMM1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMM1
Description  Molded Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMM1 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMM1 Datasheet HTML 1Page - Vishay Siliconix RCMM1 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
25
RCMM
Vishay Sfernice
Document Number: 52006
Revision 16-Jul-02
For technical questions, contact sfer@vishay.com
02
SPECIAL
DESIGN
STYLE
SERIES
RCMS
TOLERANCE
± 1%
OHMIC VALUE
332k
Ω
ORDERING INFORMATION
Method N°
Optional
PACKAGING
Optional
TEMPERATURE
COEFFICIENT
K3
MARKING
Printed : VISHAY SFERNICE trademark, series, style, ohmic value (in
Ω), tolerance (in %), temperature coefficient, manufactur-
ing date. Due to lack of space RCMM02 is printed MM02.
TEMPERATURE RISE
RATED POWER IN WATT
60
40
20
0
0
0.25
0.5
0.75
1
RCMM
05
RCMM1
AMBIENT TEMPERATURE IN DEGREES CELSIUS
100
50
35
0
0
30
50
70
100
125
150
POWER RATING CHART
Molded Metal Film Resistors
TESTS
NF C 83-230 - CECC 40 100
Load Life at max. Category Temperature
Short Time Overload
Damp Heat Humidity
(Steady State)
Rapid Temperature Change
Climatic Sequence
Terminal Strength
Vibration
Soldering (Thermal Shock)
Load Life
Shelf Life
1000h at 125°C 35% of Pn
≤ ± (2% + 0.1Ω)
Insulation resist. > 1G
Ω
≤ ± (0.5% + 0.05Ω)
≤ ± (2% + 0.1Ω)
Insulation resist. >100M
Ω
≤ ± (0.5% + 0.05Ω)
≤ ± (0.5% + 0.05Ω)
≤ ± (0.5% + 0.05Ω)
≤ ± (0.5% + 0.05Ω)
≤ ± (2% + 0.1Ω)
Insulation resist. > 1G
Ω
–
≤ ± (2% + 0.1Ω)
Insulation resist. >100M
Ω
± 0.75% or 0.05
Ω
Insulation resist. 106M
Ω
± 0.2% or 0.05
Ω
± 0.5% or 0.05
Ω
Insulation resist. 106M
Ω
± 0.1% or 0.05
Ω
± 0.05% or 0.05
Ω
± 0.05% or 0.05
Ω
± 0.1% or 0.05
Ω
± 0.5% or 0.05
Ω
Insulation resist. 106M
Ω
± 0.1% or 0.05
Ω
± 0.1% or 0.05
Ω
Insulation resist. 106M
Ω
2.5Um/5s*
56 days
with low load
– 55°C
+ 125°C
– 55°C
+ 125°C
Pull - Twist - 2 bends
10 - 500Hz
+ 260°C 10s
cycle 90’/30’
1000h at Pn at 70°C
1 year
ambient temperature
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
AND DRIFTS
*RC41: 15 seconds
PERFORMANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com