Electronic Components Datasheet Search
  English  ▼

X  

ARA2000 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet - Rev 2.2
06/2004
5
ARA2000
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
9
,
4
s
n
i
p
(
t
n
e
r
r
u
C
1
A
r
e
i
f
il
p
m
A
-
-
8
4
4
.
2
0
8
6
A
m
d
e
l
b
a
n
e
x
T
d
e
l
b
a
s
i
d
x
T
)
4
2
,
1
2
s
n
i
p
(
t
n
e
r
r
u
C
2
A
r
e
i
f
il
p
m
A
-
-
7
7
7
.
3
0
2
1
9
A
m
d
e
l
b
a
n
e
x
T
d
e
l
b
a
s
i
d
x
T
)
2
n
i
p
(
t
n
e
r
r
u
C
r
o
t
a
u
n
e
t
t
A-
9
5
1A
m
n
o
i
t
p
m
u
s
n
o
C
r
e
w
o
P
l
a
t
o
T
-
-
7
6
.
0
5
7
8
0
.
1
0
5
1
W
W
m
d
e
l
b
a
n
e
x
T
d
e
l
b
a
s
i
d
x
T
Note: As measured in ANADIGICS test fixture
Table 4: DC Electrical Specifications
TA=25°C; VDD, VATTN, VCMOS = +5.0 VDC; Vg1, Vg2 = +1.0 V (TX enabled); Vg1, Vg2 = 0 V (TX disabled)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
z
H
M
0
1
(
n
i
a
G5
.
7
23
.
9
25
.
0
3B
dg
n
i
t
t
e
s
n
o
i
t
a
u
n
e
t
t
a
B
d
0
s
s
e
n
t
a
l
F
n
i
a
G
-
-
5
7
.
0
5
.
1
-
-
B
d
z
H
M
2
4
o
t
5
z
H
M
5
6
o
t
5
e
r
u
t
a
r
e
p
m
e
T
r
e
v
o
n
o
i
t
a
i
r
a
V
n
i
a
G-
6
0
0
.
0
--
C
°
/
B
d
B
d
1
s
p
e
t
S
n
o
i
t
a
u
n
e
t
t
A
B
d
2
B
d
4
B
d
8
B
d
6
1
B
d
2
3
5
6
.
0
6
.
1
6
.
3
5
.
7
0
.
5
1
2
.
0
3
3
8
.
0
0
7
.
1
5
7
.
3
5
7
.
7
0
4
.
5
1
5
7
.
0
3
0
0
.
1
5
0
.
2
0
.
4
0
.
8
8
.
5
1
3
.
1
3
B
dc
i
n
o
t
o
n
o
M
n
o
i
t
a
u
n
e
t
t
A
m
u
m
i
x
a
M6
.
8
53
.
0
6-
B
d
2 d
n
l
e
v
e
L
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
)
z
H
M
0
1
(
-5
7
-3
5
-c
B
ds
m
h
O
5
7
o
t
n
i
V
m
B
d
0
6
+
3 d
r
l
e
v
e
L
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
)
z
H
M
0
1
(
-0
6
-3
5
-c
B
ds
m
h
O
5
7
o
t
n
i
V
m
B
d
0
6
+
3 d
r
t
p
e
c
r
e
t
n
I
t
u
p
t
u
O
r
e
d
r
O8
7-
-
V
m
B
d
t
n
i
o
P
n
o
i
s
s
e
r
p
m
o
C
n
i
a
G
B
d
1-
5
.
8
6-
V
m
B
d
e
r
u
g
i
F
e
s
i
o
N-
0
.
30
.
4B
ds
s
o
l
n
u
l
a
b
t
u
p
n
i
s
e
d
u
l
c
n
I
Table 5: AC Electrical Specifications
TA=25°C; VDD, VATTN, VCMOS = +5.0 VDC; Vg1, Vg2 = +1.0 V (TX enabled); Vg1, Vg2 = 0 V (TX disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com