Electronic Components Datasheet Search
  English  ▼

X  

ARA2004 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ARA2004
Description  Reverse Amplifier with Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2004 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ARA2004 Datasheet HTML 6Page - ANADIGICS, Inc ARA2004 Datasheet HTML 7Page - ANADIGICS, Inc ARA2004 Datasheet HTML 8Page - ANADIGICS, Inc ARA2004 Datasheet HTML 9Page - ANADIGICS, Inc ARA2004 Datasheet HTML 10Page - ANADIGICS, Inc ARA2004 Datasheet HTML 11Page - ANADIGICS, Inc ARA2004 Datasheet HTML 12Page - ANADIGICS, Inc ARA2004 Datasheet HTML 13Page - ANADIGICS, Inc ARA2004 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Data Sheet - Rev 2.1
07/2005
ARA2004
Figure 11: Harmonic Distortion vs Temperature
POUT = 58dBmV
Figure 12: Harmonic Distortion vs Power Out
-80
-75
-70
-65
-60
-55
-50
-45
-40
-40
-25
-10
5
20
35
50
65
80
Temperature (Co)
2nd Harmonic
3rd Harmonic
Measured @ 5 MHz
Figure 13: Transients vs Attenuation
POUT = 55dBmV at 0dB attenuation
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
49
51
53
55
57
59
61
63
65
67
Pout (dBmV)
2nd
3rd
0
10
20
30
40
50
60
70
80
90
100
0
102030405060
Power Attenuation (dB)
DOCSIS 1.1 Spec.
ARA2001
ARA2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com