Electronic Components Datasheet Search
  English  ▼

X  

ARA2008 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA2008
Description  Reverse Amplifier with Step Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2008 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA2008 Datasheet HTML 1Page - ANADIGICS, Inc ARA2008 Datasheet HTML 2Page - ANADIGICS, Inc ARA2008 Datasheet HTML 3Page - ANADIGICS, Inc ARA2008 Datasheet HTML 4Page - ANADIGICS, Inc ARA2008 Datasheet HTML 5Page - ANADIGICS, Inc ARA2008 Datasheet HTML 6Page - ANADIGICS, Inc ARA2008 Datasheet HTML 7Page - ANADIGICS, Inc ARA2008 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ADVANCED PRODUCT INFORMATION - Rev 0.0
10/2001
ARA2008
Figure 2: Functional Block Diagram
Figure 3: Pin Out - SSOP Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
GND
GND
RF
OUT (-)
RF
IN (+)
CLOCK
DATA
V
DD1
ENBL
RF
IN (-)
N/C
C
EXT2
N/C
GND
RF
OUT (+)
C
EXT1
TXEN
GND
GND
GND
V
DD2
32 dB
1 dB
2 dB
4 dB
8 dB
16 dB
Buffer
Control Latch
6-bit Shift
Register
8
RF
IN (+)
RF
IN (-)
ENBL
DATA
CLOCK
RF
OUT (+)
RF
OUT (-)
TXEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com