Electronic Components Datasheet Search
  English  ▼

X  

AWS5516 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWS5516
Description  GaAs IC SPDT Reflective Switch DC-2.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5516 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWS5516 Datasheet HTML 1Page - ANADIGICS, Inc AWS5516 Datasheet HTML 2Page - ANADIGICS, Inc AWS5516 Datasheet HTML 3Page - ANADIGICS, Inc AWS5516 Datasheet HTML 4Page - ANADIGICS, Inc AWS5516 Datasheet HTML 5Page - ANADIGICS, Inc AWS5516 Datasheet HTML 6Page - ANADIGICS, Inc AWS5516 Datasheet HTML 7Page - ANADIGICS, Inc AWS5516 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
08/2001
2
AWS5516
PARAMETER
CONDITION
FREQUENCY
MIN
TYP
MAX
UNIT
Switching Characteritics
2
Rise, Fall (10/90% or 90/10% RF)
On, Off (50% CTL to 90/10% RF)
Video Feedthru
100
100
100
nS
nS
mV
Intermodulation Intercept Point (IP3)
2-tone power levels 13dBm to 27dBm
(selected to optimize dynamic range of test)
VCTL = 2.7V
VCTL = 5.0V
1.0 GHz
1.8 GHz
1.0 GHz
1.8 GHz
+45
+42
+55
+52
+48
+46
+61
+56
dBm
dBm
dBm
dBm
Input power for 1dB Compression
VCTL = 2.7V
VCTL = 5.0V
1.0 GHz
1.8 GHz
1.0 GHz
1.8GHz
+28
+27
+37
+37
dBm
dBm
dBm
dBm
Harmonic Level
Input power = +30 dBm, VCTL = 5.0V
1 & 1.8 GHz
-75
dBc
Control Voltage (VCTL)
3
Nominal operation voltage
2.7
6
V
Leakage Current
VCTL = 2.7V
VCTL = 5.0V
50
75
µA
µA
Table 2: Absolute Minimum and Maximum Ratings
Table 3: Operating Ranges at 25° C
Notes:
1. All measurements made in a 50 ohm system, unless other specified.
2. Video feedthru measured with 1 ns rise time pulse and 500 MHz bandwidth.
3. VCTL is the absolute value of the differential voltage from V1 to V2. Changing polarity selects the switch path
as defined in the truth table below. Use of the optional resistor Rs on the common port limits VHIGH to Vs ±
0.2V
ELECTRICAL CHARACTERISTICS
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
Stresses in excess of the absolute ratings may cause permanent
damage.
Functional operation is not implied under these
conditions. Exposure to absolute ratings for extended periods
of time may adversely affect reliability.
Θ
PARAMETER
MIN
MAX
UNIT
RF Input Power
> 900 MHz, V Control
-
6
W
Control Voltage
-0.2
+8
V
Operating Temperature
-40°
+85
°C
Storage Temperature
-65
+150
°C
JC
-
25°
C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com