Electronic Components Datasheet Search
  English  ▼

X  

AWT6114 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6114
Description  KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6114 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6114 Datasheet HTML 1Page - ANADIGICS, Inc AWT6114 Datasheet HTML 2Page - ANADIGICS, Inc AWT6114 Datasheet HTML 3Page - ANADIGICS, Inc AWT6114 Datasheet HTML 4Page - ANADIGICS, Inc AWT6114 Datasheet HTML 5Page - ANADIGICS, Inc AWT6114 Datasheet HTML 6Page - ANADIGICS, Inc AWT6114 Datasheet HTML 7Page - ANADIGICS, Inc AWT6114 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
05/2002
AWT6114
KPCS CDMA 3.4V/28dBm
Linear Power Amplifier Module
ADVANCED PRODUCT INFORMATION - Rev 0.0
M7 Package
10 Pin 4mm x 4mm
Surface Mount Module
FEATURES
•
InGaP HBT Technology
•
High Efficiency: 37%
•
Low Quiescent Current: 55 mA
•
Low Leakage Current in Shutdown Mode: <5
µA
•
Optimized for a 50
Ω System
•
Low Profile Miniature Surface Mount Package
•
CDMA 1XRTT Compliant
•
CDMA 1xEV-DO Compliant
APPLICATIONS
•
Korean Band PCS CDMA Wireless Handsets
PRODUCT DESCRIPTION
The AWT6114 is a high power, high efficiency
amplifier module for Korean Band PCS CDMA
wireless handset applications. The device is
manufactured on an advanced InGaP HBT MMIC
technology offering state-of-the-art reliability,
temperature stability, and ruggedness. Selectable
bias modes that optimize efficiency for different
output power levels, and a shutdown mode with low
leakage current, serve to increase handset talk and
standby time. The self-contained 4mm x 4mm
surface mount package incorporates matching
networks optimized for output power, efficiency and
linearity in a 50
Ω system.
Figure 1: Block Diagram
Bias Control
VCC
VREF
RFIN
RFOUT
GND
VMODE
1
7
5
8
10
6
GND at slug (pad)
3
9
4
2
GND
VCC
GND
GND


Similar Part No. - AWT6114

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
CDMA/AMPS Power Amplifier
Rev 0
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6112M7P8 ANADIGICS-AWT6112M7P8 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6112RM7P8 ANADIGICS-AWT6112RM7P8 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
More results

Similar Description - AWT6114

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWC6312R ANADIGICS-AWC6312R Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
10/2008
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
05/2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com