Electronic Components Datasheet Search
  English  ▼

X  

AWT6136 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6136
Description  450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6136 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6136 Datasheet HTML 1Page - ANADIGICS, Inc AWT6136 Datasheet HTML 2Page - ANADIGICS, Inc AWT6136 Datasheet HTML 3Page - ANADIGICS, Inc AWT6136 Datasheet HTML 4Page - ANADIGICS, Inc AWT6136 Datasheet HTML 5Page - ANADIGICS, Inc AWT6136 Datasheet HTML 6Page - ANADIGICS, Inc AWT6136 Datasheet HTML 7Page - ANADIGICS, Inc AWT6136 Datasheet HTML 8Page - ANADIGICS, Inc AWT6136 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
03/2006
AWT6136
450 MHz CDMA 3.4V/29.5dBm
Linear Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.6
M5 Package
7 Pin 6 mm x 6 mm x 1.5 mm
Surface Mount Module
FEATURES
•
InGaP HBT Technology
•
High Efficiency 37% CDMA
•
Low Receive Band Noise (NRX) -132 dBm/Hz @
10 MHz offset
•
Low Leakage Current (<5
µA)
•
SMT Module Package
•
Small Foot Print (6 mm x 6 mm)
•
50
Ω Input and Output Matching
•
Low Quiescent Current (Icq = 60 mA Typ)
•
Shut Down and Mode Control
•
CDMA 2000 1XRTT Compliant
•
RoHS Compliant Package Option, 250 oC MSL-3
APPLICATIONS
•
450 MHz Single Mode CDMA Wireless
Handsets and Wireless Local Loop
PRODUCT DESCRIPTION
The AWT6136 is a high power, high efficiency
amplifier module for CDMA wireless handset
applications. The device is manufactured on an
advanced InGaP HBT MMIC technology offering
state-of-the-art reliability, temperature stability and
ruggedness. A low power quiescent current mode
is digitally controlled to reduce power drain on the
system battery. The 6 mm x 6 mm x 1.5 mm laminate
package is self contained, incorporating 50
Ω input
and output matching networks optimized for output
power, linearity, and efficiency.
Figure 1: Block Diagram
Bias Control
VCC
VREF
RFIN
VCC
GND
V MODE
1
4
3
6
7
2
5
GND at slug (pad)
RFOUT
AWT6136


Similar Part No. - AWT6136

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6136 ANADIGICS-AWT6136 Datasheet
401Kb / 9P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6136RM5P8 ANADIGICS-AWT6136RM5P8 Datasheet
401Kb / 9P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6136RM5P9 ANADIGICS-AWT6136RM5P9 Datasheet
401Kb / 9P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6136 ANADIGICS-AWT6136_08 Datasheet
401Kb / 9P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
More results

Similar Description - AWT6136

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6388 ANADIGICS-AWT6388 Datasheet
463Kb / 8P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6136 ANADIGICS-AWT6136_08 Datasheet
401Kb / 9P
450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com