Electronic Components Datasheet Search
  English  ▼

X  

AWT6201 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6201
Description  GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6201 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6201 Datasheet HTML 1Page - ANADIGICS, Inc AWT6201 Datasheet HTML 2Page - ANADIGICS, Inc AWT6201 Datasheet HTML 3Page - ANADIGICS, Inc AWT6201 Datasheet HTML 4Page - ANADIGICS, Inc AWT6201 Datasheet HTML 5Page - ANADIGICS, Inc AWT6201 Datasheet HTML 6Page - ANADIGICS, Inc AWT6201 Datasheet HTML 7Page - ANADIGICS, Inc AWT6201 Datasheet HTML 8Page - ANADIGICS, Inc AWT6201 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AWT6201
ADVANCED PRODUCT INFORMATION - Rev 0.7
01/2004
Table 5: Receiver Specification
Test Conditions: Mode = RX (see control table), VBATT = 3.5V, ZIN = ZOUT = 50
Ω, TC = 25 ± 3°C
Table 4: Operating Conditions and Supply Currents
Parametric performance is guaranteed under specified operating conditions.
µ
µ
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
(
e
g
a
tl
o
V
y
l
p
p
u
SV
T
T
A
B
)0
.
35
.
38
.
4V
V
(
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R
G
E
R
)7
.
25
8
.
20
.
3V
I
(
t
n
e
r
r
u
C
d
e
t
a
l
u
g
e
R
)
G
E
R
70
1A
md
e
l
b
a
n
e
e
d
o
m
X
T
I
(
t
n
e
r
r
u
C
d
e
t
a
l
u
g
e
R
)
G
E
R
0
10
3A
d
e
l
b
a
n
e
e
d
o
m
X
R
t
n
e
r
r
u
C
n
w
o
D
r
e
w
o
P
(V
T
T
A
B
)
V
8
.
4
=
00
1A
V
(
t
n
e
r
r
u
C
X
R
T
T
A
B
)
V
8
.
4
=0
0
3A
V
(
e
g
a
tl
o
V
l
o
r
t
n
o
C
P
M
A
R
)
2
.
06
.
1V
P
m
u
m
i
n
i
m
r
o
f
e
g
a
tl
o
V
l
o
t
n
o
C
T
U
O
V
(
N
I
M
_
P
M
A
R
)
2
.
05
2
.
0V
V
P
M
A
R
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
i5
10
2F
p
y
c
n
e
i
c
if
f
e
e
l
u
d
o
m
0
0
9
/
0
5
8
M
S
G
V
(
P
M
A
R
V
,
V
6
.
1
=
T
T
A
B
P
,
V
5
.
3
=
N
I
)
m
B
d
2
=
0
4%
)
r
e
tl
i
F
+
h
c
t
i
w
S
+
A
P
(
y
c
n
e
i
c
if
f
e
e
l
u
d
o
m
S
C
P
/
S
C
D
V
(
P
M
A
R
V
,
V
6
.
1
=
T
T
A
B
P
,
V
5
.
3
=
N
I
)
m
B
d
2
=
4
3%
)
r
e
tl
i
F
+
h
c
t
i
w
S
+
A
P
(
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
2
-5
8C
°
e
l
c
y
C
y
t
u
D0
5%
µ
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
s
t
n
e
m
m
o
C
0
0
9
/
0
5
8
M
S
G
s
s
o
l
n
o
it
r
e
s
n
I
3
.
15
.
1B
d
F N
I
V
,
z
H
M
0
6
9
o
t
9
6
8
=
T
T
A
B
o
t
0
.
3
=
T
,
V
8
.
4
C
C
°
5
8
+
o
t
0
2
-
=
S
C
P
/
S
C
D
s
s
o
l
n
o
it
r
e
s
n
I
2
.
15
.
1B
d
F N
I
V
,
z
H
M
0
9
9
1
o
t
5
0
8
1
=
T
T
A
B
0
.
3
=
T
,
V
8
.
4
o
t
C
C
°
5
8
+
o
t
0
2
-
=
s
s
o
l
n
r
u
t
e
R
r
e
v
i
e
c
e
R
5
1B
dF N
I
z
H
M
0
6
9
o
t
9
6
8
=
5
1B
dF N
I
z
H
M
0
9
9
1
o
t
5
0
8
1
=
n
o
it
a
l
o
s
I
r
e
v
i
e
c
e
R
F
F
O
_
X
R
o
t
T
N
A
5
2B
dF N
I
z
H
M
0
6
9
o
t
9
6
8
=
5
2B
dF N
I
z
H
M
0
9
9
1
o
t
5
0
8
1
=
s
t
r
o
p
X
R
t
a
r
e
w
o
P
X
T
68
m
B
dF N
I
P
,
z
H
M
5
1
9
=
T
U
O
m
B
d
2
.
3
3
=
35
m
B
dF N
I
P
,
z
H
M
0
1
9
1
=
T
U
O
m
B
d
4
.
0
3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com