Electronic Components Datasheet Search
  English  ▼

X  

APA0710 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA0710
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0710 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA0710 Datasheet HTML 1Page - Anpec Electronics Coropration APA0710 Datasheet HTML 2Page - Anpec Electronics Coropration APA0710 Datasheet HTML 3Page - Anpec Electronics Coropration APA0710 Datasheet HTML 4Page - Anpec Electronics Coropration APA0710 Datasheet HTML 5Page - Anpec Electronics Coropration APA0710 Datasheet HTML 6Page - Anpec Electronics Coropration APA0710 Datasheet HTML 7Page - Anpec Electronics Coropration APA0710 Datasheet HTML 8Page - Anpec Electronics Coropration APA0710 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
2
Ordering and Marking Information
APA0710/1
Handling Code
Temp. Range
Package Code
Package Code
K : SOP-8
XA : MSOP-8-P
Temp. Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
APA0710/1 K :
APA0710/1
XXXXX
XXXXX - Date Code
XXXXX - Date Code
Lead Free Code
APA0710/1 XA :
A0710/1
XXX
XX
Pin Description
SOP-8
1
2
3
4
5
6
7
8
Shutdown
Bypass
SE/BTL
VO+
GND
VDD
IN
VO-
APA0710
SOP-8
1
2
3
4
5
6
7
8
Shutdown
Bypass
IN+
VO+
GND
VDD
IN-
VO-
APA0711
1
2
3
4
5
6
7
8
Shutdown
Bypass
IN+
VO+
GND
VDD
IN-
VO-
1
2
3
4
5
6
7
8
Shutdown
Bypass
SE/BTL
VO+
GND
VDD
IN
VO-
NC = No internal connection
= Thermal Pad
(connected to GND plane for better heat dissipation)
MSOP-8-P
APA0710
APA0711
MSOP-8-P
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com