Electronic Components Datasheet Search
  English  ▼

X  

APC558 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APC558
Description  Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APC558 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APC558 Datasheet HTML 1Page - Anpec Electronics Coropration APC558 Datasheet HTML 2Page - Anpec Electronics Coropration APC558 Datasheet HTML 3Page - Anpec Electronics Coropration APC558 Datasheet HTML 4Page - Anpec Electronics Coropration APC558 Datasheet HTML 5Page - Anpec Electronics Coropration APC558 Datasheet HTML 6Page - Anpec Electronics Coropration APC558 Datasheet HTML 7Page - Anpec Electronics Coropration APC558 Datasheet HTML 8Page - Anpec Electronics Coropration APC558 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - July., 2002
APC558
www.anpec.com.tw
2
Block Diagram
Output B
Inverting Input B
1
2
3
4
5
6
7
8
Output A
Inverting Input A
Non-inverting Input B
V
DD
+
V
DD
-
B-
+
A
- +
Non-inverting Input A
Absolute Maximum Ratings T
A= 25°C
Electrical Characteristics V
DD=±10V,
T
A= 25°C
APC558
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
IO
Input Offset Voltage
R
S ≤ 10kΩ
13
mV
I
IO
Input Offset Current
2
10
nA
I
BIAS
Input Bias Current
25
70
nA
R
IN
Input Resistance
0.3
5
M
Ω
A
V
Large Signal Voltage Gain
R
L≥2kΩ, VO=±10V
86
100
dB
V
OM1
Maximum Output Voltage Swing 1 R
L≥10kΩ± 9
± 9.5
V
V
OM2
Maximum Output Voltage Swing 2 R
L≥ 2kΩ± 8.5
± 9.0
V
V
ICM
Input Common-mode Voltage
Range
±9
± 9.5
V
CMRR
Common-mode Rejection Ratio
R
S ≤ 10kΩ
90
dB
SVRR
Supply Voltage Rejection Ratio
R
S ≤ 10kΩ, VP-P=100mV,
f
IN=100HZ
60
65
dB
I
CC
Operating Current
3.7
6
mA
V
NI
Equivalent Input Noise Voltage
RIAA, R
S =1kΩ ,30kHz,
LPF
1.4
µVrms
SR
Slew Rate
650
mV/
µs
GBWP Gain Bandwidth Product
2
MHz
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
20
V
V
ID
Differential Input Voltage
20
V
V
I
Input Voltage
-0.3V to +20V
V
P
D
Power Dissipation
500
mW
T
A
Operating Free-air Temperature Range
0 to 70
°C
T
STG
Storage Temperature Range
-40 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com