Electronic Components Datasheet Search
  English  ▼

X  

APL5151 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5151
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5151 Datasheet HTML 1Page - Anpec Electronics Coropration APL5151 Datasheet HTML 2Page - Anpec Electronics Coropration APL5151 Datasheet HTML 3Page - Anpec Electronics Coropration APL5151 Datasheet HTML 4Page - Anpec Electronics Coropration APL5151 Datasheet HTML 5Page - Anpec Electronics Coropration APL5151 Datasheet HTML 6Page - Anpec Electronics Coropration APL5151 Datasheet HTML 7Page - Anpec Electronics Coropration APL5151 Datasheet HTML 8Page - Anpec Electronics Coropration APL5151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low I
Q, Low Dropout 150mA Fixed Voltage Regulator
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL5151/2/3/4 is micropower, low noise, low drop-
out linear regulator. Operate from 3V to 6V input volt-
age and deliver up to 150mA. Typical output noise is
just 60uV
RMS with the addition of an external 0.33uF
bypass capacitor in BP pin and typical dropout voltage
is only 220mV at 150mA loading. Designed for use in
battery-powered system, the low 50uA quiescent cur-
rent makes it an ideal choice. Design with an internal
P-channel MOSFET pass transistor, the APL5151/2/
3/4 maintains a low supply current, independent of
the load current and dropout voltage. Other features
include reverse current protection, thermal-shutdown
protection, current limit protection to ensure speci-
fied output current and controlled short-circuit current.
TheAPL5151/2/3/4 regulators come ina miniatureSOT-
23-5 package.
Applications
•
Notebook Computer
•
PDA or Portable Equipments
•
Noise-Sensitive Instrumentation Systems
•
Low Noise : 60uV
RMS (100Hz to 100kHz)
•
Low Quiescent Current : 50uA
•
Low Dropout Voltage : 300mV
(VOUT(Nominal)=3.0V Version @150mA)
•
Very low Shutdown Current : < 0.5uA
•
Fixed Output Voltage : 1.3V,1.4V,1.5V,1.6V,
1.7V,1.8V,1.9V, 2.0V,2.1V,2.2V,2.3V,2.4V,
2.5V,2.6V,2.7V, 2.8V, 2.85V,2.9V,3.0V,3.1V,
3.2V,3.3V,3.4V, 3.5V, 5.0V
•
Stable with 1uF Output Capacitor
• Stable with Aluminum , Tantalum or Ceramic
Capacitors
• Reverse Current Protection
• No Protection Diodes Needed
•
Built in Thermal Protection
•
Built in Current Limit Protection
• Controlled Short Circuit Current : 50mA
•
Fast transient Response
•
Short Setting Time
• SOT-23-5 Package
• Lead Free Available (RoHS Compliant)
Pin Configuration
V IN
GND
BP
V OUT
1
2
3
5
SHDN
4
APL5151
V IN
GND
BP
V OUT
1
2
3
5
SHDN
4
APL5152
VIN
GND
BP
VOUT
1
2
3
5
SHDN
4
APL5153
VIN
GND
BP
V OUT
1
2
3
5
SHDN
4
APL5154


Similar Part No. - APL5151

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL5151

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
Low IQ, Low Dropout 560mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
Low IQ, Low Dropout 900mA Fixed Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com