Electronic Components Datasheet Search
  English  ▼

X  

APL5501 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APL5501
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5501 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APL5501 Datasheet HTML 14Page - Anpec Electronics Coropration APL5501 Datasheet HTML 15Page - Anpec Electronics Coropration APL5501 Datasheet HTML 16Page - Anpec Electronics Coropration APL5501 Datasheet HTML 17Page - Anpec Electronics Coropration APL5501 Datasheet HTML 18Page - Anpec Electronics Coropration APL5501 Datasheet HTML 19Page - Anpec Electronics Coropration APL5501 Datasheet HTML 20Page - Anpec Electronics Coropration APL5501 Datasheet HTML 21Page - Anpec Electronics Coropration APL5501 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
18
TO-252( Reference JEDEC Registration TO-252)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
2.18
2.39
0.086
0.094
A1
0.89
1.27
0.035
0.050
b
0.508
0.89
0.020
0.035
b2
5.207
5.461
0.205
0.215
C
0.46
0.58
0.018
0.023
C1
0.46
0.58
0.018
0.023
D
5.334
6.22
0.210
0.245
E
6.35
6.73
0.250
0.265
e1
3.96
5.18
0.156
0.204
H
9.398
10.41
0.370
0.410
L
0.51
0.020
L1
0.64
1.02
0.025
0.040
L2
0.89
2.032
0.035
0.080
L2
D
L1
b
b2
E
C1
A
H
L
C
A1
e1
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com