Electronic Components Datasheet Search
  English  ▼

X  

APL5833 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5833
Description  300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5833 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5833 Datasheet HTML 1Page - Anpec Electronics Coropration APL5833 Datasheet HTML 2Page - Anpec Electronics Coropration APL5833 Datasheet HTML 3Page - Anpec Electronics Coropration APL5833 Datasheet HTML 4Page - Anpec Electronics Coropration APL5833 Datasheet HTML 5Page - Anpec Electronics Coropration APL5833 Datasheet HTML 6Page - Anpec Electronics Coropration APL5833 Datasheet HTML 7Page - Anpec Electronics Coropration APL5833 Datasheet HTML 8Page - Anpec Electronics Coropration APL5833 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2003
APL5833
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
300mA Low Dropout Linear Regulator of Fixed 2.85V,3.3V and 3.5V
Features
General Description
The APL5833 is a 3-pin low dropout linear regulator
with 2.0% accuracy of output voltage over line, load
and temperature variations. Dropout voltage at
300mA output current is less than 1.2V. Both output
current limiting and thermal shutdown are built in to
provide maximal protection to the APL5833 against
fault conditions. The over current and thermal shut-
down circuits become active when the current ex-
ceed 300mA, or the junction temperature reach
150
°C. Normal operation is recovered when junction
temperature drops below 130
°C.
Applications
••••• Low Dropout Voltage of 1.2V at 300mA
••••• Output Voltage Accuracy ± 2.0%
••••• Line Regulation - 1mV (typ.)
••••• Load Regulation - 6mV (typ.)
••••• Input Voltage Range up to 9V
••••• Internal Current Limiting and Thermal Shut-
down Protections
••••• Available Output Voltages - 2.85V, 3.3V and
3.5V
••••• Various SOT-89 and TO-92 Packages Avail-
able
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Wireless Communication Systems
• Portable Instrument
• Portable Consumer Equipment
• Low Voltage Systems
V
OU T
V
IN
GN D
1
2
3
TO-92 (Top View)
SOT-89 (Top View)
V
OUT
V
IN
GND
2
13
Pin Configuration


Similar Part No. - APL5833

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18D ANPEC-APL5835-18D Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TR ANPEC-APL5835-18DC-TR Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TU ANPEC-APL5835-18DC-TU Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18E ANPEC-APL5835-18E Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5833

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5883 ANPEC-APL5883 Datasheet
115Kb / 11P
300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com