Electronic Components Datasheet Search
  English  ▼

X  

APL5885 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5885
Description  500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5885 Datasheet HTML 1Page - Anpec Electronics Coropration APL5885 Datasheet HTML 2Page - Anpec Electronics Coropration APL5885 Datasheet HTML 3Page - Anpec Electronics Coropration APL5885 Datasheet HTML 4Page - Anpec Electronics Coropration APL5885 Datasheet HTML 5Page - Anpec Electronics Coropration APL5885 Datasheet HTML 6Page - Anpec Electronics Coropration APL5885 Datasheet HTML 7Page - Anpec Electronics Coropration APL5885 Datasheet HTML 8Page - Anpec Electronics Coropration APL5885 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APL5885
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Apr., 2003
www.anpec.com.tw
1
Features
General Description
The APL5885 is a 3-pin low dropout linear regulator with
2.0% accuracy of output voltage over line , load and tem-
perature variations . Dropout voltage at 500mA output
current is less than 1.3V . Both output current limiting
and thermal shutdown are built in to provide maximal
protection to the APL5885 against fault conditions . The
over current and thermal shutdown circuits become ac-
tive when the current exceed 500mA , or the junction
temperature reach 150
°C . Normal operation is recov-
ered when junction temperature drops below 130
°C .
Applications
• Low Dropout Voltage of 1.3V at 500mA
• Output Voltage Accuracy ± 2.0%
• Line Regulation - 3mV (typ.)
• Load Regulation - 13mV (typ.)
• Input Voltage Range up to 9V
• Internal Current Limiting and Thermal Shutdown
Protections
• Available Output Voltages -ADJ, 1.8V, 2.5V, 3.3V
• Various SOT-89 and TO-92 Packages Available
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Wireless Communication Systems
• Portable Instrument
• Portable Consumer Equipment
• Low Voltage Systems
SOT-89 (Top View)
V
OUT
V
IN
GND
2
13
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
V
OU T
V
IN
GN D
3
2
1
TO-92 (Top View)
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Pin Configuration
P a c k ag e C o d e
D : S O T - 8 9
E :
T O - 9 2
T e m p . R a nge
C : 0 t o 70
C
H a nd l i ng C o d e
T U : T u b e
T R : T a p e & R e e l
V o l t ag e C o de
1 8 : 1 . 8 V
2 5 : 2 . 5 V
3 3 : 3 . 3 V
B l a n k : A d j u s t a b l e V e r s i o n
Le ad F r e e C ode
L : L e a d F r e e D e v i c e
B l a n k : O r i g i n a l D e v i c e
°
A P L5885 -
H a nd l i ng C o d e
T e m p . R a nge
P a c k ag e C o d e
V o l t ag e C o de
XXXX X
-
D a t e C o d e
A P L 58 85 - 2 5 E :
A P L 58 85 - 2 5 D :
A P L 58 85 - 1 8 D :
XXXX X
-
D a t e C o d e
A P L 58 85 - 1 8 E :
A P L 58 85 D :
APL
58 85
XXXX X
XXXX X
-
D a t e C o d e
APL 5 8 8 5 E :
XXXX X
-
D a t e C o d e
A P L 58 85 - 3 3 E :
A P L 58 85 - 3 3 D :
A P L 58 85
XXXX X2 5
XX X XX
-
D a t e C o d e
A P L 58 85
XXXX X1 8
XX X XX
-
D a t e C o d e
A P L 58 85
XXXX X
XX X XX
-
D a t e C o d e
A P L 58 85
XXXX X3 3
XX X XX
-
D a t e C o d e
APL
58 85
XXXX X1 8
APL
58 85
XXXX X2 5
APL
58 85
XXXX X3 3
Le ad F r e e C ode
Ordering and Marking Information


Similar Part No. - APL5885

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885DC-TRG ANPEC-APL5885DC-TRG Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5885

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
800mA fixed and adjustable low dropout linear regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com