Electronic Components Datasheet Search
  English  ▼

X  

APM1402S Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM1402S
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM1402S Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM1402S Datasheet HTML 1Page - Anpec Electronics Coropration APM1402S Datasheet HTML 2Page - Anpec Electronics Coropration APM1402S Datasheet HTML 3Page - Anpec Electronics Coropration APM1402S Datasheet HTML 4Page - Anpec Electronics Coropration APM1402S Datasheet HTML 5Page - Anpec Electronics Coropration APM1402S Datasheet HTML 6Page - Anpec Electronics Coropration APM1402S Datasheet HTML 7Page - Anpec Electronics Coropration APM1402S Datasheet HTML 8Page - Anpec Electronics Coropration APM1402S Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel Enhancement Mode MOSFET
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Mar., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM1402S
Features
Applications
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
N-Channel MOSFET
APM 1402
Handling Code
T em p. Range
Package Code
Package Code
S : SC -70
O perating Junction T em p. Range
C : -55 to 150 C
Handling Code
T R : T ape & R eel
Lead Free C ode
L : Lead Free D evice Blank : O riginal Device
APM 1402 S :
02
Lead Free C ode
°
Top View of SC-70
• 20V/0.8A ,
R
DS(ON)=190mΩ(typ.) @ VGS=4.5V
R
DS(ON)=310mΩ(typ.) @ VGS=2.5V
••••• Super High Dense Cell Design
••••• Reliable and Rugged
••••• Lead Free Available (RoHS Compliant)
D
S
G
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM1402S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM1401S ANPEC-APM1401S Datasheet
112Kb / 10P
P-Channel Enhancement Mode MOSFET
APM1401SC-TR ANPEC-APM1401SC-TR Datasheet
112Kb / 10P
P-Channel Enhancement Mode MOSFET
APM1401SC-TRL ANPEC-APM1401SC-TRL Datasheet
112Kb / 10P
P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM1403ASC-TRL VBSEMI-APM1403ASC-TRL Datasheet
1,023Kb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM1403S ANPEC-APM1403S Datasheet
109Kb / 10P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM1402S

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com