Electronic Components Datasheet Search
  English  ▼

X  

APM2800B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2800B
Description  N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2800B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2800B Datasheet HTML 1Page - Anpec Electronics Coropration APM2800B Datasheet HTML 2Page - Anpec Electronics Coropration APM2800B Datasheet HTML 3Page - Anpec Electronics Coropration APM2800B Datasheet HTML 4Page - Anpec Electronics Coropration APM2800B Datasheet HTML 5Page - Anpec Electronics Coropration APM2800B Datasheet HTML 6Page - Anpec Electronics Coropration APM2800B Datasheet HTML 7Page - Anpec Electronics Coropration APM2800B Datasheet HTML 8Page - Anpec Electronics Coropration APM2800B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Jun., 2005
www.anpec.com.tw
3
APM2800B
Notes:
a: Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b: Guaranteed by design, not subject to production testing
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM2800B
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
[MOSFET]
Dynamic Characteristics
b
Ciss
Input Capacitance
255
Coss
Output Capacitance
70
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=20V,
Frequency=1.0MHz
50
pF
td(ON)
Turn-on Delay Time
6
12
Tr
Turn-on Rise Time
5
10
td(OFF)
Turn-off Delay Time
12
23
Tf
Turn-off Fall Time
VDD=10V, RL=10Ω,
IDS=1A, VGEN=4.5V,
RG=6Ω
6
12
ns
Gate Charge Characteristics
b
Qg
Total Gate Charge
5
6.5
Qgs
Gate-Source Charge
0.7
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=3A
0.7
nC
[SBD]
VR
Reverse Voltage
IR=0.5mA
20
V
VF1
IF=10mA
0.4
V
VF2
Forward Voltage
IF=500mA
0.5
V
IR
Reverse Current
VR=15V
200
µA
C
b
Junction Capacitance
VR=10V,
Frequency=1.0MHz
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com