Electronic Components Datasheet Search
  English  ▼

X  

APM4538K Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4538K
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4538K Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4538K Datasheet HTML 1Page - Anpec Electronics Coropration APM4538K Datasheet HTML 2Page - Anpec Electronics Coropration APM4538K Datasheet HTML 3Page - Anpec Electronics Coropration APM4538K Datasheet HTML 4Page - Anpec Electronics Coropration APM4538K Datasheet HTML 5Page - Anpec Electronics Coropration APM4538K Datasheet HTML 6Page - Anpec Electronics Coropration APM4538K Datasheet HTML 7Page - Anpec Electronics Coropration APM4538K Datasheet HTML 8Page - Anpec Electronics Coropration APM4538K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
3
APM4538K
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4538K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Diode Characteristics
ISD=1.7A, VGS=0V
N-Ch
0.8
1.3
VSD
a
Diode Forward Voltage
ISD=-1.7A, VGS=0V
P-Ch
-0.8
-1.3
V
Dynamic Characteristics
b
N-Ch
2.8
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
P-Ch
11
Ω
N-Ch
450
Ciss
Input Capacitance
P-Ch
770
N-Ch
65
Coss
Output Capacitance
P-Ch
120
N-Ch
25
Crss
Reverse Transfer
Capacitance
N-Channel
VGS=0V,
VDS=25V,
Frequency=1.0MHz
P-Channel
VGS=0V,
VDS=-25V,
P-Ch
80
pF
N-Ch
10
15
td(ON)
Turn-on Delay Time
P-Ch
10
20
N-Ch
8
20
Tr
Turn-on Rise Time
P-Ch
15
30
N-Ch
20
28
td(OFF)
Turn-off Delay Time
P-Ch
25
50
N-Ch
5
15
Tf
Turn-off Fall Time
N-Channel
VDD=15V, RL=15
Ω,
IDS=1A, VGEN=10V,
RG=6
Ω
P-Channel
VDD=-15V, RL=15
Ω,
IDS=-1A, VGEN=-10V,
RG=6
Ω
P-Ch
15
30
ns
Gate Charge Characteristics
b
N-Ch
15
21
Qg
Total Gate Charge
P-Ch
26
35
N-Ch
4.5
Qgs
Gate-Source Charge
P-Ch
5.1
N-Ch
2.1
Qgd
Gate-Drain Charge
N-Channel
VDS=15V, VGS=10V,
IDS=5A
P-Channel
VDS=-15V, VGS=-10V,
IDS=-4A
P-Ch
3.3
nC
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com