Electronic Components Datasheet Search
  English  ▼

X  

APM4953K Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM4953K
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953K Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM4953K Datasheet HTML 1Page - Anpec Electronics Coropration APM4953K Datasheet HTML 2Page - Anpec Electronics Coropration APM4953K Datasheet HTML 3Page - Anpec Electronics Coropration APM4953K Datasheet HTML 4Page - Anpec Electronics Coropration APM4953K Datasheet HTML 5Page - Anpec Electronics Coropration APM4953K Datasheet HTML 6Page - Anpec Electronics Coropration APM4953K Datasheet HTML 7Page - Anpec Electronics Coropration APM4953K Datasheet HTML 8Page - Anpec Electronics Coropration APM4953K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dual P-Channel Enhancement Mode MOSFET
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM4953K
Features
Applications
• -30V/-4.9A ,
R
DS(ON)=53mΩ(typ.) @ VGS=-10V
R
DS(ON)=80mΩ(typ.) @ VGS=-4.5V
••••• Super High Dense Cell Design
••••• Reliable and Rugged
••••• SOP-8 Package
••••• Lead Free Available (RoHS Compliant)
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
P-Channel MOSFET
APM4953
Handling Code
Tem p. Range
Package Code
Package Code
K : SOP-8
Operating Junction Tem p. Range
C : -55 to 150°C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM4953 K :
APM4953
XXXXX
XXXXX - Date Code
Lead Free Code
G1
S1
S2
G2
D1
D1
D2
D2
Top View of SOP
− 8
D2
G2
S2
D2
(4)
(3)
(5)
(6)
D1
G1
S1
D1
(2)
(1)
(7)
(8)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM4953K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4953KC-TR ANPEC-APM4953KC-TR Datasheet
221Kb / 9P
Dual P-Channel Enhancement Mode MOSFET
logo
ARTSCHIP ELECTRONICS CO...
APM4953KC-TR ARTSCHIP-APM4953KC-TR Datasheet
500Kb / 7P
Dual P-Channel Enhancement Mode Mosfet
logo
VBsemi Electronics Co.,...
APM4953KC-TRL VBSEMI-APM4953KC-TRL Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM4953KC-TU ANPEC-APM4953KC-TU Datasheet
221Kb / 9P
Dual P-Channel Enhancement Mode MOSFET
logo
ARTSCHIP ELECTRONICS CO...
APM4953KC-TU ARTSCHIP-APM4953KC-TU Datasheet
500Kb / 7P
Dual P-Channel Enhancement Mode Mosfet
More results

Similar Description - APM4953K

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com