Electronic Components Datasheet Search
  English  ▼

X  

FNGEPO002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FNGEPO002
Description  3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FNGEPO002 Datasheet(HTML) 1 Page - Diodes Incorporated

  FNGEPO002 Datasheet HTML 1Page - Diodes Incorporated FNGEPO002 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
FNGEPO002 Rev E
06/18/10
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
FNGEPO002
Application Specific Crystal Oscillator 7.0 x 5.0mm
TM
Package:
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
Part Ordering Information:
FNGEPO002
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
7.0 x 5.0mm Ceramic SMD
ASSP XO™ for Networking
Product Features
• Very low Pk to Pk jitter - 50ps Max
• Low output current - 15mA Max
• Low power standby mode
• RoHS Compliant
Product Description
This is an enhanced 3.3V, 2.048MHz
crystal clock oscillator with superb jitter and
low operating current for reference clock
applications in VoIP Gateway applications.
Applications
• PON VoIP Gateway
1


Similar Part No. - FNGEPO002

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
More results

Similar Description - FNGEPO002

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
3.3V CMOS Low Jitter XO
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
3.3V CMOS Low Jitter XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com