Electronic Components Datasheet Search
  English  ▼

X  

KX251 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # KX251
Description  Ultra Low Current KX Series Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KX251 Datasheet(HTML) 1 Page - Diodes Incorporated

  KX251 Datasheet HTML 1Page - Diodes Incorporated KX251 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
KX251 REV C
8/27/2014
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
CMOS 32.768kHz
Ultra Low Current KX Series Crystal Oscillator
2.5 x 2.0mm
KX251
Product Features
• AT Cut 32.768 kHz XO
• CMOS compatible logic levels
• Ultra low active current (< 10µA)
• Very tight temperature stability
• Designed for standard reflow and washing
techniques
• Pb-free and RoHS/Green compliant
Product Description
The KX251 Series real time clock oscillator
achieves superb stability over a broad range
of operating conditions. It utilizes Pericom
proprietary technology to achieve ultra low
current less than 10µA. The output clock
signal is compatible with LVCMOS/LVTTL logic
levels. The device, available on tape and reel,
is contained in a 2.5 x 2.0mm surface-mount
ceramic package.
Applications
• Real-Time Clock Oscillator where low current
and tight stability are needed
Package: (Scale: none; Dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
2.5 x 2.0mm Ceramic SMD
Part Ordering Information:
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
Recommended Land Pattern:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
KX 251 V I S 032.768000
A
B
D
Stability
Temp Range
A = +/-20 ppm -20/+70°C
B = +/-25 ppm -20/+70°C
C = +/-50 ppm -20/+70°C
D = +/-25 ppm -40/+85°C
E = +/-50 ppm -40/+85°C
F = +/-20 ppm 0/+70°C
G = +/-25 ppm 0/+70°C
H = +/-25 ppm 0/+85°C
I = +/-25 ppm -20/+85°C
Z = Reference Design
Stability and Temp Range:
Frequency:
FFF.FFFFFF
kHz, “3 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
3=+1.8V
B=+3.0V
C
Internal #:
0 ~ 9
14-0033


Similar Part No. - KX251

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX2511A0032.768000 PERICOM-KX2511A0032.768000 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX2511A1032.768000 PERICOM-KX2511A1032.768000 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX2511A2032.768000 PERICOM-KX2511A2032.768000 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX2511A3032.768000 PERICOM-KX2511A3032.768000 Datasheet
635Kb / 2P
CMOS 32.768kHz
More results

Similar Description - KX251

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
Ultra-Low Current, Miniature Quartz Crystal Oscillator
logo
EUROQUARTZ limited
CXOL EUROQUARTZ-CXOL Datasheet
101Kb / 1P
Ultra-low Current, Miniature Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
EUROQUARTZ limited
CXOU EUROQUARTZ-CXOU Datasheet
187Kb / 1P
Ultra-Low Current Minauture Crystal Oscillator 32.768kHz - 100.0kHz
logo
Skyworks Solutions Inc.
SI560 SKYWORKS-SI560 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023
SI561 SKYWORKS-SI561 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023
SI562 SKYWORKS-SI562 Datasheet
1Mb / 23P
Ultra Series™ Crystal Oscillator
Revision 206620A May, 2023
SI564 SKYWORKS-SI564 Datasheet
1Mb / 38P
Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com