Electronic Components Datasheet Search
  English  ▼

X  

ECON Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ECON
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECON Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ECON Datasheet HTML 2Page - List of Unclassifed Manufacturers ECON Datasheet HTML 3Page - List of Unclassifed Manufacturers ECON Datasheet HTML 4Page - List of Unclassifed Manufacturers ECON Datasheet HTML 5Page - List of Unclassifed Manufacturers ECON Datasheet HTML 6Page - List of Unclassifed Manufacturers ECON Datasheet HTML 7Page - List of Unclassifed Manufacturers ECON Datasheet HTML 8Page - List of Unclassifed Manufacturers ECON Datasheet HTML 9Page - List of Unclassifed Manufacturers ECON Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
DT9816 Design Advantages
T/H
T/H
T/H
T/H
T/H
T/H
A/D Ch 0
A/D Ch 1
A/D Ch 2
A/D Ch 3
A/D Ch 4
A/D Ch 5
16-Bit
A/D
16-Bit
A/D
16-Bit
A/D
16-Bit
A/D
16-Bit
A/D
16-Bit
A/D
Ext Trig
Data Stream
Ext Clk
CLK
Analog
Input
Sampled
Data
T/H
t AD
t AJ
Hold
Track
Hold
t AD = Aperture Delay of 35 ns
t AJ = Aperture Jitter (Uncertainty) of 1 ns
The time between each channel (Aperture Delay Matching)
is 5 ns maximum.
The DT9816 modules feature six, independent, successive-
approximation A/D converters with track-and-hold
circuitry. Each converter uses a common clock and trigger
for simultaneous sampling of all six analog input signals.
The throughput rate varies depending on the model you
choose.
The A/D design of the DT9816 modules feature built-in
accuracy. A maximum aperture delay of 35 ns (the time
that it takes the A/D to switch from track to hold mode)
is well matched at 5 ns across all six track-and-hold
circuits, virtually eliminating the channel-to-channel skew
that is associated with multiplexed inputs. A maximum
aperture uncertainty of 1 ns (the jitter or variance in
aperture delay), virtually eliminates phase noise in your
data.
Six Simultaneously Sampled Analog Inputs
Accurate Measurements Designed In
This graph shows the outstanding quality of the
DT9816-A for all error sources – effective number of bits
greater than 13.1 from all sources. Note the absence of
harmonic content and digital switching noise across the
full spectrum.
Key Features of the DT9816
• High-Speed Simultaneous Acquisition — Acquire
all six analog input channels simultaneously at
up to 50 kS/s per channel (DT9816), 150 kS/s
per channel (DT9816-A), or 750 kS/s per channel
(DT9816-S).
• Input -3 dB bandwidth is 4 MHz typical
(DT9816, DT9816-A), 40 MHz typical (DT9816-S)
• High-Resolution Data — 16-bit resolution for
precision measurements.
• Two Bipolar Input Ranges — Input range of ±10
V and ±5 V signal for maximum flexibility.
• Digital I/O Functions — 8 digital inputs and
8 digital outputs for controlling external
equipment.
• Multifunction Counter/Timer — One 16-bit
counter/timer for event counting, frequency
measurement, and continuous pulse output
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com