Electronic Components Datasheet Search
  English  ▼

X  

TC-32 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-32
Description  USB/Ethernet-Based High-Precision Thermocouple Measurement Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC-32 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-32 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-32 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-32 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-32 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-32 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-32 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
TC-32 and TC-32-EXP
Specifications
Specifications
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
These specifications apply to both the TC-32 and TC-32-EXP unless noted otherwise.
Thermocouple Input
A/D converter type: Delta-Sigma
A/D resolution: 24-bit
Number of channels: 32 (64 when TC-32 connected to TC-32-EXP)
Filtering options: 50 Hz or 60 Hz noise filtering, software-selectable
Isolation between any TC input channel and chassis ground: 500 VDC abso-
lute max
Channel configuration: Software-selectable to match TC sensor type
Differential input voltage range: ±78.125 mV
Absolutemaximuminputvoltage(betweenanytwoTCxinputs):±25V(poweron),
±25 V (power off)
Differential input impedance
50 Hz filtering, power on: 26 MΩ
60 Hz filtering, power on: 20 MΩ
Input current
Open thermocouple detect disabled: 2 nA
Open thermocouple detect enabled: 75 nA
Common mode rejection
50 Hz filtering, at DC and fin=50 Hz: 110 dB
60 Hz filtering at DC and fin=60 Hz: 110 dB
Noise rejection
50 Hz filtering at fin=50 Hz: 80 dB typ
60 Hz filtering at fin=60 Hz: 80 dB typ
Input bandwidth
50 Hz filtering: 22 Hz
60 Hz filtering: 26 Hz
Crosstalk between any two TC inputs: -90 dB
Sample rate: 3 Hz max (per channel)
The enabled thermocouple inputs are continuously converted at the maximum
A/D converter rate.
Common mode voltage range
TCx channel to TCx channel: ±1.40 V
TCx channel relative to chassis ground,
fin = 60 Hz: ±3.5 VAC p-p
TCx channel relative to chassis ground: ±48 VDC
When thermocouple sensors are connected to different common mode voltages,
the channels with floating thermocouples sensors are biased to approximately
the average value of the applied common mode voltages. Each of the applied
common mode voltages must then be less than or equal to the average com-
mon mode voltage ±1.40 V or [CMV
applied ≤ (CMVaverage ±1.4 V)].
Input noise (50 Hz or 60 Hz filtering): 510 nV rms
Gain error: 50 Hz or 60 Hz filtering: 0.004 % FSR
Offset error: 50 Hz or 60 Hz filtering: 3 µV
Measurement sensitivity (smallest change in temperature that can be detected)
Thermocouple type J,K,T,E,N: 0.05 °C
Thermocouple type R,S: 0.10 °C
Thermocouple type B: 0.15 °C
Warm-up time: 20 minutes min
Open thermocouple detect response time: 1 s
CJC sensor accuracy (0 °C to 45 °C): ±0.20 °C typ, ±0.40 °C max
Channel Configuration
Thermocouple (J, K, S, R, B, E, T, N): 32 differential channels
Channel configuration is stored on EEPROM external to the isolated microcon-
troller by the firmware whenever any item is modified. Modification is performed
by commands issued from an external application, and the configuration is
made non-volatile through the use of the EEPROM.
Compatible Thermocouple Sensors
Thermocouple
J: –210 °C to 1200 °C
K: –270 °C to 1372 °C
S: –50 °C to 1768 °C
R: –50 °C to 1768 °C
B: 0 °C to 1820 °C
E: –270 °C to 1000 °C
T: –270 °C to 400 °C
N: –270 °C to 1300 °C
TC-32 and TC-32-EXP Block Diagram
Ethernet
USB
Control Signals
+5 VA
SPI
Digital Isolator
Isolated DC-DC
Input
Filters
Isolated
Microcontroller
16
(Ch 16-31)
16
(Ch 0-15)
Microcontroller
Isolation Barrier
TC 31+ (high)
TC 31– (low)
TC 0+ (high)
TC 0– (low)
Input
Filters
Mux
VREF
+12 VA
+5 VA
+3.3 VA
+12 VA
+5 VA
+3.3 VA
Isolated
Power
Supplies
+3.3 V
+3.3 V
Regulator
Overvoltage/Negative
Supply Protection
Ext. Power
Digital
Isolator
+5 V
CJC Sensors
(32)
CJC I/O (0-31)
Isolation Barrier
24-bit
ADC
24-bit
ADC
8
Digital
Inputs
Digital Outputs
and Alarms
32
Isolated
Power
Supplies
Mux
Control Signals
TC-32 Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com