Electronic Components Datasheet Search
  English  ▼

X  

AM2631 Datasheet(PDF) 49 Page - Texas Instruments

Part # AM2631
Description  AM263x Sitara™ Microcontrollers
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2631 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM2631 Datasheet HTML 45Page - Texas Instruments AM2631 Datasheet HTML 46Page - Texas Instruments AM2631 Datasheet HTML 47Page - Texas Instruments AM2631 Datasheet HTML 48Page - Texas Instruments AM2631 Datasheet HTML 49Page - Texas Instruments AM2631 Datasheet HTML 50Page - Texas Instruments AM2631 Datasheet HTML 51Page - Texas Instruments AM2631 Datasheet HTML 52Page - Texas Instruments AM2631 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 167 page
background image
Table 6-63. GPIO Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
GPIO101
IO
General Purpose Input/Output
H17
GPIO102
IO
General Purpose Input/Output
H16
GPIO103
IO
General Purpose Input/Output
F15
GPIO104
IO
General Purpose Input/Output
C18
GPIO105
IO
General Purpose Input/Output
D17
GPIO106
IO
General Purpose Input/Output
D18
GPIO107
IO
General Purpose Input/Output
E16
GPIO108
IO
General Purpose Input/Output
F16
GPIO109
IO
General Purpose Input/Output
F18
GPIO110
IO
General Purpose Input/Output
G16
GPIO111
IO
General Purpose Input/Output
E17
GPIO112
IO
General Purpose Input/Output
E18
GPIO113
IO
General Purpose Input/Output
C16
GPIO114
IO
General Purpose Input/Output
A17
GPIO115
IO
General Purpose Input/Output
B18
GPIO116
IO
General Purpose Input/Output
B17
GPIO117
IO
General Purpose Input/Output
D16
GPIO118
IO
General Purpose Input/Output
C17
GPIO119
IO
General Purpose Input/Output
D15
GPIO120
IO
General Purpose Input/Output
C15
GPIO121
IO
General Purpose Input/Output
P2
GPIO122
IO
General Purpose Input/Output
B16
GPIO123
IO
General Purpose Input/Output
D14
GPIO124
IO
General Purpose Input/Output
A16
GPIO125
IO
General Purpose Input/Output
D13
GPIO126
IO
General Purpose Input/Output
B15
GPIO127
IO
General Purpose Input/Output
C13
GPIO128
IO
General Purpose Input/Output
A15
GPIO129
IO
General Purpose Input/Output
C14
GPIO130
IO
General Purpose Input/Output
B14
GPIO131
IO
General Purpose Input/Output
A14
GPIO132
IO
General Purpose Input/Output
C12
GPIO133
IO
General Purpose Input/Output
D11
GPIO134 (1)
IOD
General Purpose Input/Output
B13
GPIO135 (2)
IOD
General Purpose Input/Output
A13
GPIO136
IO
General Purpose Input/Output
B12
GPIO137
IO
General Purpose Input/Output
A12
GPIO138
IO
General Purpose Input/Output
M2
GPIO20
IO
General Purpose Input/Output
B9
GPIO21
IO
General Purpose Input/Output
B8
GPIO22
IO
General Purpose Input/Output
A8
GPIO23
IO
General Purpose Input/Output
D7
GPIO24
IO
General Purpose Input/Output
C8
GPIO25
IO
General Purpose Input/Output
C7
GPIO26
IO
General Purpose Input/Output
B7
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com