Electronic Components Datasheet Search
  English  ▼

X  

DS560DF810 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS560DF810
Description  DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS560DF810 Datasheet(HTML) 3 Page - Texas Instruments

  DS560DF810 Datasheet HTML 1Page - Texas Instruments DS560DF810 Datasheet HTML 2Page - Texas Instruments DS560DF810 Datasheet HTML 3Page - Texas Instruments DS560DF810 Datasheet HTML 4Page - Texas Instruments DS560DF810 Datasheet HTML 5Page - Texas Instruments DS560DF810 Datasheet HTML 6Page - Texas Instruments DS560DF810 Datasheet HTML 7Page - Texas Instruments DS560DF810 Datasheet HTML 8Page - Texas Instruments DS560DF810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5 Description (continued)
The DS560DF810 is equipped with a bit mux and de-mux gearbox for simple NRZ-to-PAM4 or PAM4-to-NRZ
conversion between host and module. The gearbox is capable of aggregating a pair of NRZ inputs up to 28.9
GBd into one 28.9 GBd PAM4 output as well as de-aggregating a single 28.9 GBd PAM4 input into a pair of 28.9
GBd NRZ outputs.
The DS560DF810 implements a full 2×2 crosspoint between each pair of adjacent channels after the CDR to
enable fast and flexible lane switching for PCB routing flexibility, 2-to-1 multiplexing and 1-to-2 de-multiplexing
for failover redundancy, and 1-to-2 fanout for diagnostic monitoring. In addition, integrated physical AC coupling
capacitors (TX and RX) eliminate the need for external capacitors on the PCB. These features reduce PCB
routing complexity and BOM cost.
Diagnostic capabilities include a non-destructive PAM4/NRZ vertical eye height monitor, a 2D PAM4/NRZ eye
opening monitor (EOM), PRBS pattern generator with error injector module, PRBS error checker, and on-die
temperature sensor. These features help to gauge the margin of the link and can be used to monitor the health
of the system over time.
The DS560DF810 can be configured either through I2C or through an external EEPROM. Up to 16 devices can
share a single EEPROM.
www.ti.com
DS560DF810
SNLS709A – DECEMBER 2021 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DS560DF810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com