Electronic Components Datasheet Search
  English  ▼

X  

DS560DF810ALUT Datasheet(PDF) 1 Page - Texas Instruments

Part # DS560DF810ALUT
Description  DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS560DF810ALUT Datasheet(HTML) 1 Page - Texas Instruments

  DS560DF810ALUT Datasheet HTML 1Page - Texas Instruments DS560DF810ALUT Datasheet HTML 2Page - Texas Instruments DS560DF810ALUT Datasheet HTML 3Page - Texas Instruments DS560DF810ALUT Datasheet HTML 4Page - Texas Instruments DS560DF810ALUT Datasheet HTML 5Page - Texas Instruments DS560DF810ALUT Datasheet HTML 6Page - Texas Instruments DS560DF810ALUT Datasheet HTML 7Page - Texas Instruments DS560DF810ALUT Datasheet HTML 8Page - Texas Instruments DS560DF810ALUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
1 Features
• Octal-channel multi-protocol retimer with
integrated signal conditioning
• All channels lock independently to both PAM4 and
NRZ data rates from 19.6 to 28.9 GBd (including
div-by-2 and div-by-4 sub-rates)
• Suitable for up to CEI-56G, Ethernet (400 GbE),
Fibre Channel (64GFC), InfiniBand™ (HDR), and
CPRI/eCPRI PCB, copper cable, and optical
applications
• Automatic lane rate switching for CDR lock up
to five different combinations of baud rates and
modulation types
• Low latency: <2000 ps (typical) at 26.5625 GBd
• Continuously adaptive time linear equalizer
(CTLE), RX feed-forward equalizer (FFE), and
decision feedback equalizer (DFE) to support 30+
dB channel loss at 13.28 GHz
• Integrated 2×2 crosspoint
• Adjustable 4-tap TX FFE filter
• Gearbox mode support (NRZ/PAM4 bit mux/de-
mux, NRZ serializer/deserializer)
• On-chip eye opening monitor (EOM), PRBS
generator, and PRBS checker for debug
• Dual 1.8-V and 1.2-V supplies
• –40°C to +85°C operating temperature range
• 8.00 mm × 13.00 mm BGA package with
integrated AC coupling capacitors
2 Applications
• Active electrical cables (AEC) (QSFP-DD, OSFP)
• Front-port C2M attachment unit interface (AUI)
jitter cleaning
• Backplane (KR) and midplane C2C attachment
unit interface (AUI) reach extension
• Speed doubling (gearbox) with NRZ-to-PAM4
aggregation and de-aggregation
3 Description
The DS560DF810 is an eight-channel multi-rate
retimer with integrated signal conditioning. It extends
the reach and robustness of long, lossy, crosstalk-
impaired high-speed serial links.
Each channel in the DS560DF810 independently
locks to symbol rates (PAM4 and NRZ) in a
continuous range from 19.6 to 28.9 GBd or to any
supported sub-rate. The integrated CDR function is
ideal for front-port optical module applications to reset
the jitter budget and retime the high-speed serial
data. These features allow for individual lane forward
error correction (FEC) pass-through. In addition, the
DS560DF810 supports automatic lane rate switching
for CDR lock up to five different combinations of baud
rates and modulation types without host intervention.
The
advanced
equalization
features
of
the
DS560DF810
include
a
continuously
adaptive
continuous-time linear equalizer (CTLE), RX feed-
forward equalizer (FFE), decision feedback equalizer
(DFE), and a programmable, low-jitter 4-tap TX feed-
forward equalizer (FFE) filter. These features enable
reach extension for lossy interconnects such as
direct-attach copper (DAC) cables and backplanes
with multiple connectors and crosstalk.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS560DF810
ALU (fcBGA, 135)
13.00 mm × 8.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VDD1P2
ADDR0
ADDR1
SDC
READ_EN_N
ALL_DONE_N
SDA
GND
Float for I2C Target mode, or
connect to next device’s
READ_EN_N for I2C
Controller mode
I2C Target
mode
EN_SMB
Address straps (pull-up,
pull-down, or float)
1 k
To system
I2C
VDD_1V8 or 3.3V
CAL_CLK_IN
CAL_CLK_OUT
To next retimer’s
CAL_CLK_IN
INT_N
To system
controller
VDD1P8
1 F
(2x)
0.1 F
(4x)
VDD_1V2
RESET_N
1 F
(1x)
0.1 F
(2x)
VDD_1V8
25 MHz
0.1 F
VDD_1V8
RX0N
TX0N
RX0P
TX0P
TX1N
TX1P
RX1N
RX1P
Aggregator /
De-aggregator
CDR
CDR
RX6N
TX6N
RX6P
TX6P
TX7N
TX7P
RX7N
RX7P
Aggregator /
De-aggregator
CDR
CDR
Simplified Schematic
DS560DF810
SNLS709A – DECEMBER 2021 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS560DF810ALUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS560DF810ALUT TI2-DS560DF810ALUT Datasheet
654Kb / 11P
DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED JUNE 2023
DS560DF810ALUT.B TI2-DS560DF810ALUT.B Datasheet
654Kb / 11P
DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED JUNE 2023
More results

Similar Description - DS560DF810ALUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
Low Power Multi-Rate Quad Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
25 Gbps Multi-Rate 4-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
25 Gbps Multi-Rate 8-Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
Low Power Multi-Rate Quad Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
28 Gbps Multi-Rate 8-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
25-Gbps Multi-Rate 2-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com