Electronic Components Datasheet Search
  English  ▼

X  

APW7075 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7075
Description  Step-Up Converter and LDO Combo
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7075 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7075 Datasheet HTML 1Page - Anpec Electronics Coropration APW7075 Datasheet HTML 2Page - Anpec Electronics Coropration APW7075 Datasheet HTML 3Page - Anpec Electronics Coropration APW7075 Datasheet HTML 4Page - Anpec Electronics Coropration APW7075 Datasheet HTML 5Page - Anpec Electronics Coropration APW7075 Datasheet HTML 6Page - Anpec Electronics Coropration APW7075 Datasheet HTML 7Page - Anpec Electronics Coropration APW7075 Datasheet HTML 8Page - Anpec Electronics Coropration APW7075 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2005
APW7075
www.anpec.com.tw
2
APW7075
Package Code
KA : SOP-8-P
O : TSSOP-8
Temp. Range
C : 0 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
Handling Code
Temp. Range
Package Code
APW7075 KA :
APW7075
XXXXX
XXXXX - Date Code
APW7075
XXXXX
APW7075 O :
XXXXX - Date Code
Lead Free Code
Ordering and Marking Information
Block Diagram
Drive
Current
Limit
P-MOS
N-MOS
PWM/
PFM
controller
Vref
phase
compensation
soft-start
voltage
reference
Oscillator
Vref
LX
Vref
OUT
VIN
LBO
LBI
FB
GND
P-MOS
SHDN
VDD
VDD
VDD
VDD
N-MOS
Q1
Q2
Q3
Q4
VDD
A
B
C
Y
A
B
C
Y
FB
VOUT
GND
R1,R2
2
SHDN
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com